Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72338 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC72338
Description  Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72338 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72338 Datasheet HTML 7Page - Sanyo Semicon Device LC72338 Datasheet HTML 8Page - Sanyo Semicon Device LC72338 Datasheet HTML 9Page - Sanyo Semicon Device LC72338 Datasheet HTML 10Page - Sanyo Semicon Device LC72338 Datasheet HTML 11Page - Sanyo Semicon Device LC72338 Datasheet HTML 12Page - Sanyo Semicon Device LC72338 Datasheet HTML 13Page - Sanyo Semicon Device LC72338 Datasheet HTML 14Page - Sanyo Semicon Device LC72338 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Continued from preceding page.
No. 5157-11/16
LC72336, 72338
Continued on next page.
Pin No.
Symbol
I/O
I/O type
Function
39
38
37
36
S17/PE0
S18/PE1/SCK2
S19/PE2/SO2
S20/PE3/SI2
I/O
CMOS 3-value
output and
push-pull
Shared-function LCD driver segment output, general-purpose I/O, and serial I/O port
The IOS instruction is used to switch between the LCD driver segment output, general-
purpose I/O, and serial I/O functions, and to switch between input and output for the
general-purpose input port function.
• When used for segment output:
The function can be specified in bit units.
Segment output is specified with the IOS instruction (Pn = 0DH).
b0 = S17/PE0
0 ... Segment output
b1 = S18/PE1
1 ... PE0 to PE3 output
b2 = S19/PE2
b3 = S20/PE3
• When used as a general-purpose I/O port:
Input or output can be specified in bit units (1-bit I/O).
The general-purpose I/O port function is specified with the IOS instruction (Pn = 0).
b2 = SI/O2
0 ... General-purpose port
1 ... SI/O port
Input or output is specified with the IOS instruction in bit units.
PE ... Pn = 4
0 ... Input
1 ... Output
• When used as a serial I/O port:
The serial I/O port function is specified with the IOS instruction (Pn = 0).
The contents of the serial I/O data buffer can be saved and loaded with the INR and
OUTR instructions.
Note: Pin setup states when used as a serial I/O port:
PE0 ... General-purpose I/O
PE1 ... SCK2 output in internal clock mode
SCK2 input in external clock mode
PE2 ... SO2 output
PE3 ... SI2 input
In clock stop mode, if this port is used as a general-purpose I/O port or as a serial I/O
port, the pins go to the input disabled high-impedance state. If used for segment output,
the pins are fixed at the low level.
The segment output port function is selected after a power-on reset.


Similar Part No. - LC72338

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC723341E SANYO-LC723341E Datasheet
292Kb / 11P
   LC723341E
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
More results

Similar Description - LC72338

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com