Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72338 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72338
Description  Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72338 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72338 Datasheet HTML 1Page - Sanyo Semicon Device LC72338 Datasheet HTML 2Page - Sanyo Semicon Device LC72338 Datasheet HTML 3Page - Sanyo Semicon Device LC72338 Datasheet HTML 4Page - Sanyo Semicon Device LC72338 Datasheet HTML 5Page - Sanyo Semicon Device LC72338 Datasheet HTML 6Page - Sanyo Semicon Device LC72338 Datasheet HTML 7Page - Sanyo Semicon Device LC72338 Datasheet HTML 8Page - Sanyo Semicon Device LC72338 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics for the Allowable Operating Ranges
Note: * In case of instruction execution for 20 steps at intervals of 1 ms, with the PLL, counter functions and other functions all stopped.
No. 5157-5/16
LC72336, 72338
Parameter
Symbol
Conditions
min
typ
max
Unit
IIH (1)
XIN: VI = VDD = 5.0 V
2.0
5.0
15
µA
IIH (2)
FMIN, AMIN, HCTR, LCTR: VI = VDD = 5.0 V
4.0
10
30
µA
Ports PA, PE, PF, PG, PH, PK, and PM, SNS, HOLD,
Input high-level current
IIH (3)
HCTR, LCTR: No pull-down resistors on port PA,
3.0
µA
VI = VDD = 5.0 V, with input mode selected
for ports PE, PF, PG, PK, and PM
IIH (4)
With pull-down resistors on port PA, VI = VDD = 5.0 V
50
µA
IIL (1)
XIN: VI = VSS
2.0
5.0
15
µA
IIL (2)
FMIN, AMIN, HCTR, LCTR: VI = VSS
4.0
10
30
µA
Input low-level current
Ports PA, PE, PF, PG, PH, PK, and PM, SNS, HOLD,
IIL (3)
HCTR, LCTR: No pull-down resistors on port PA,
3.0
µA
VI = VSS, with input mode selected
for ports PE, PF, PG, PK, and PM
Input floating voltage
VIF
With pull-down resistors on port PA
0.05 VDD
V
Pull-down resistance
RPD (1)
With pull-down resistors on port PA, VDD = 5 V
75
100
200
k
Hysteresis
VH
Ports PF, PG, and PK, LCTR
0.1 VDD
0.2 VDD
V
(in frequency measurement mode)
VOH (1)
Ports PB and PC: IO = –1 mA
VDD – 2.0
V
VOH (2)
Ports PE, PF, PG, PK, PM, and PN: IO = –1 mA
VDD – 1.0
V
Output high-level voltage
VOH (3)
EO1, EO2: IO = –500 µA
VDD – 1.0
V
VOH (4)
XOUT: IO = –200 µA
VDD – 1.0
V
VOH (5)
S1 to S32: IO = –20 µA
VDD – 1.0
V
VOH (6)
COM1, COM2, COM3: IO = –100 µA
VDD – 1.0
V
VOL (1)
Ports PB and PC: IO = 50 µA
2.0
V
VOL (2)
Ports PE, PF, PG, PK, PM, and PN: IO = 1 mA
1.0
V
VOL (3)
EO1, EO2: IO = 500 µA
1.0
V
Output low-level voltage
VOL (4)
XOUT: IO = 200 µA
1.0
V
VOL (5)
S1 to S32: IO = 20 µA
1.0
V
VOL (6)
COM1, COM2, COM3: IO = 100 µA
1.0
V
VOL (7)
Port PJ: IO = 5 mA
0.75
2.0
V
VMID (1)
S1 to S32: IO = ±20 µA
2/3 VDD ±
V
1.0
VMID (2)
S1 to S32: IO = ±20 µA
1/3 VDD ±
V
Output mid-level voltage
1.0
VMID (3)
COM1, COM2, COM3: IO = ±100 µA
2/3 VDD ±
V
1.0
VMID (4)
COM1, COM2, COM3: IO = ±100 µA
1/3 VDD ±
V
1.0
IOFF (1)
Ports PE, PF, PG, PK, PM, and PN
–3.0
+3.0
µA
Output off leakage current
IOFF (2)
EO1 , EO2
–100
+100
nA
IOFF (3)
Port PJ
–5.0
+5.0
µA
AD conversion error
ADI0 to ADI3: VDD (1)
–1/2
+1/2
LSB
Reject pulse width
PREJ
SNS
50
µs
Power-down detection voltage
VDET
2.7
3.0
3.3
V
Pull-down resistance
RPD (2)
TEST1, TEST2
10
k
IDD (1)
VDD (1): fIN (2) = 130 MHz, Ta = 25°C
12
mA
Current drain
IDD (2)
VDD (2): halt mode*, Ta = 25°C (Fig. 1)
0.45
mA
IDD (3)
VDD = 5.5 V, oscillator stopped, Ta = 25°C (Fig. 2)
5
µA
IDD (4)
VDD = 2.5 V, oscillator stopped, Ta = 25°C (Fig. 2)
1
µA


Similar Part No. - LC72338

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC723341E SANYO-LC723341E Datasheet
292Kb / 11P
   LC723341E
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
More results

Similar Description - LC72338

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com