Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A25KTC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMN6A25KTC
Description  60V DPAK N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN6A25KTC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMN6A25KTC Datasheet HTML 1Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 2Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 3Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 4Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 5Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 6Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 7Page - Diodes Incorporated ZXMN6A25KTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXMN6A25K
Issue 3 - Novmber 2006
5
www.zetex.com
© Zetex Semiconductors plc 2006
Typical characteristics


Similar Part No. - ZXMN6A25KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A25KTC ZETEX-ZXMN6A25KTC Datasheet
802Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMN6A25KTC VBSEMI-ZXMN6A25KTC Datasheet
1,006Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - ZXMN6A25KTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A16K DIODES-ZXMP6A16K Datasheet
575Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A11K ZETEX-ZXMN10A11K Datasheet
794Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com