Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A25N8TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN6A25N8TA
Description  60V SO8 N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN6A25N8TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN6A25N8TA Datasheet HTML 1Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 2Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 3Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 4Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 5Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 6Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 7Page - Diodes Incorporated ZXMN6A25N8TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMN6A25N8
Issue 1 - April 2008
2
© Zetex Semiconductors plc 2008
www.zetex.com
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Drain-Source voltage
VDSS
60
V
Gate-Source voltage
VGS
± 20
V
Continuous Drain current @ VGS= 10V; TA=25°C
(b)
@ VGS= 10V; TA=70°C
(b)
@ VGS= 10V; TA=25°C
(a)
@ VGS= 10V; TL=25°C
(a)(d)
ID
5.7
4.5
4.3
7.0
A
Pulsed Drain current
(c)
IDM
25.7
A
Continuous Source current (Body diode)
(b)
IS
4.1
A
Pulsed Source current (Body diode)
(c)
ISM
25.7
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
1.56
12.5
W
mW/
°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
2.8
22.2
W
mW/
°C
Power dissipation at TL =25°C
(d)
Linear derating factor
PD
4.14
33.1
W
mW/
°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Thermal resistance
Parameter
Symbol
Value
Unit
Junction to ambient
(a)
RθJA
80
°C/W
Junction to ambient
(b)
RθJA
45
°C/W
Junction to lead
(d)
RθJL
30.2
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still
air conditions.
(b) Mounted on FR4 PCB measured at t
≤ 10 sec.
(c) Repetitive rating on 25mm x 25mm FR4 PCB, D=0.02, pulse width 300us – pulse width limited by maximum junction
temperature.
(d) Thermal resistance from junction to solder-point (at the end of the drain lead).


Similar Part No. - ZXMN6A25N8TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A25N8TA ZETEX-ZXMN6A25N8TA Datasheet
254Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
More results

Similar Description - ZXMN6A25N8TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A09DN8 DIODES-ZXMN6A09DN8 Datasheet
590Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8_07 Datasheet
577Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
ZXMN6A25N8 ZETEX-ZXMN6A25N8 Datasheet
254Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
ZXMN6A25DN8 ZETEX-ZXMN6A25DN8_06 Datasheet
716Kb / 8P
   Dual 60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A11DN8 DIODES-ZXMN6A11DN8 Datasheet
655Kb / 8P
   60V SO8 Dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A11DN8 ZETEX-ZXMN6A11DN8_06 Datasheet
644Kb / 8P
   60V SO8 Dual N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25DN8 DIODES-ZXMN6A25DN8 Datasheet
727Kb / 8P
   Dual 60V SO8 N-channel enhancement mode MOSFET
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
   60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMN3F31DN8 DIODES-ZXMN3F31DN8 Datasheet
433Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3G32DN8 ZETEX-ZXMN3G32DN8 Datasheet
419Kb / 8P
   30V SO8 dual N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com