Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN10A07F Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMN10A07F
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10A07F Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXMN10A07F Datasheet HTML 1Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 2Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 3Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 4Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 5Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 6Page - Diodes Incorporated ZXMN10A07F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZXMN10A07F
SEMICO NDUC TORS
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
ISSUE 5 - JULY 2003
7
PACKAGE OUTLINE
PAD LAYOUT
DIM
MILLIMETRES
INCHES
DIM
MILLIMETRES
INCHES
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
1.10
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 NOM
0.0375 NOM
G
1.90 NOM
0.075 NOM
10 TYP
10 TYP
PACKAGE DIMENSIONS
CONTROLLING DIMENSIONS IN MILLIMETRES APPROX CONVERSIONS INCHES.


Similar Part No. - ZXMN10A07F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A07F ZETEX-ZXMN10A07F Datasheet
971Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A07FTA ZETEX-ZXMN10A07FTA Datasheet
971Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A07FTC ZETEX-ZXMN10A07FTC Datasheet
971Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A07F DIODES-ZXMN10A07F_15 Datasheet
271Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN SOT23 PACKAGE
More results

Similar Description - ZXMN10A07F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com