Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN10A09K Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMN10A09K
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10A09K Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMN10A09K Datasheet HTML 1Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 2Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 3Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 4Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 5Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 6Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 7Page - Diodes Incorporated ZXMN10A09K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXMN10A09K
Document Number DS32045 Rev. 7 - 2
5 of 8
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMN10A09K
Typical Characteristics
0.1
1
10
1
10
0.1
1
10
1
10
34
5
0.1
1
10
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
0.1
1
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
3.5V
10V
5V
4V
Output Characteristics
T = 25°C
4.5V
V
GS
V
DS
Drain-Source Voltage (V)
Output Characteristics
10V
3V
4.5V
5V
3.5V
T = 150°C
V
GS
4V
V
DS
Drain-Source Voltage (V)
Typical Transfer Characteristics
V
DS
= 10V
T = 25°C
T = 150°C
V
GS
Gate-Source Voltage (V)
Normalised Curves v Temperature
R
DS(on)
V
GS
= 10V
I
D
= 4.6A
V
GS(th)
V
GS
= V
DS
I
D
= 250uA
Tj Junction Temperature (°C)
3.5V
4V
10V
5V
4.5V
On-Resistance v Drain Current
T = 25°C
V
GS
I
D
Drain Current (A)
T = 150°C
T = 25°C
Source-Drain Diode Forward Voltage
V
SD
Source-Drain Voltage (V)


Similar Part No. - ZXMN10A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A09KTC ZETEX-ZXMN10A09KTC Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
VBsemi Electronics Co.,...
ZXMN10A09KTC VBSEMI-ZXMN10A09KTC Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Diodes Incorporated
ZXMN10A09K DIODES-ZXMN10A09K_15 Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN10A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com