Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72344W Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72344W
Description  Low-Voltage ETR Controller with On-Chip DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72344W Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72344W Datasheet HTML 1Page - Sanyo Semicon Device LC72344W Datasheet HTML 2Page - Sanyo Semicon Device LC72344W Datasheet HTML 3Page - Sanyo Semicon Device LC72344W Datasheet HTML 4Page - Sanyo Semicon Device LC72344W Datasheet HTML 5Page - Sanyo Semicon Device LC72344W Datasheet HTML 6Page - Sanyo Semicon Device LC72344W Datasheet HTML 7Page - Sanyo Semicon Device LC72344W Datasheet HTML 8Page - Sanyo Semicon Device LC72344W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
No. 6171-5/13
LC72344W, 72345W
*1 Halt mode current drain test conditions
*2 Backup mode current drain test conditions
Leave all ports other than those mentioned above open.
Select output mode for PC and PD.
Select the segment function for S12 to S19.
A
A
7 pF
FMIN
XIN
AMIN
TEST1, 2
XOUT
VDD
VDC2
VDC3
RES
VSS
PA,PF
AGND
AIN
Leave all ports other than those mentioned above open.
Select output mode for PC and PD.
Select the segment function for S12 to S19.
7 pF
75 kHz
BATT
2.2 V
3 V
A
A
1.5 V
IDD1
IDD3
IDD2
2.2 V
3 V
A
A
IDD3
IDD2
7 pF
FMIN
XIN
AMIN
TEST1, 2
XOUT
VDD
VDC2
VDC3
RES
VSS
AGND
AIN
7 pF
75 kHz
BATT
1.5 V
IDD1


Similar Part No. - LC72344W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72344W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com