Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72345 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC72345
Description  Low-Voltage ETR Controller with On-Chip DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72345 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72345 Datasheet HTML 5Page - Sanyo Semicon Device LC72345 Datasheet HTML 6Page - Sanyo Semicon Device LC72345 Datasheet HTML 7Page - Sanyo Semicon Device LC72345 Datasheet HTML 8Page - Sanyo Semicon Device LC72345 Datasheet HTML 9Page - Sanyo Semicon Device LC72345 Datasheet HTML 10Page - Sanyo Semicon Device LC72345 Datasheet HTML 11Page - Sanyo Semicon Device LC72345 Datasheet HTML 12Page - Sanyo Semicon Device LC72345 Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
No. 6171-9/13
LC72344W, 72345W
Continued from preceding page.
Pin No.
Pin
I/O
Function
I/O circuit
VDC3 (3 V) step-up control.
24
VDC1
I
CMOS amplifier input
2.1 V power supply. Apply either the voltage stepped-up by the DC-DC converter or an
equivalent voltage (2.1 V typical).
27
VDC2
I
3 V power supply. Apply either the voltage stepped-up by VDC1 or an equivalent voltage (3 V
typical).
25
VDC3
I
VDC2 step-up transistor drive.
28
VREF
O
Frequency adjustment for the internal RC oscillator circuit. The RC oscillator frequency can
be lowered by inserting a capacitor between this pin and ground.
29
VCON
I
The VDC3 voltage can be adjusted by inserting a resistor between this pin and ground.
30
VADJ
O
FM VCO (local oscillator) input.
This pin is selected with the PLL instruction CW1.
The input must be capacitor coupled.
Input is disabled in backup mode, in halt mode, after a reset, and in PLL stop mode.
56
FMIN
I
CMOS amplifier input
AM VCO (local oscillator) input.
This pin and the bandwidth are selected with the PLL instruction CW1.
The input must be capacitor coupled.
Input is disabled in backup mode, in halt mode, after a reset, and in PLL stop mode.
57
AMIN
I
CMOS push-pull output
Main charge pump output. When the local oscillator frequency divided by N is higher than the
reference frequency a high level is output, when lower, a low level is output, and the pin is set
to the high-impedance state when the frequencies match.
This output goes to the high-impedance state in backup mode, in halt mode, after a reset,
and in PLL stop mode.
59
EO
O
Transistor used for the low-pass filter amplifier.
Connect AGND to ground.
60
61
62
AIN
AOUT
AGND
O
Power supply pin.
This pin must be connected to ground.
This pin must be connected to ground.
This pin must be connected to VDD. Supports A/D converter.
26
58
55
VSS
VSS
VDD
CW1 b1, b0
Bandwidth
11
0.5 to 10 MHz (MW, LW)
Note: *Applications must establish the output data in advance with an OUT, SPB, or RPB instruction and then set the pin to output mode with an IOS
instruction when using the I/O switchable ports as output pins.


Similar Part No. - LC72345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72346W SANYO-LC72346W Datasheet
95Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com