Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7267 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC7267
Description  Digital Display of Clock/Receiving Frequency for Radio Set Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7267 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC7267 Datasheet HTML 1Page - Sanyo Semicon Device LC7267 Datasheet HTML 2Page - Sanyo Semicon Device LC7267 Datasheet HTML 3Page - Sanyo Semicon Device LC7267 Datasheet HTML 4Page - Sanyo Semicon Device LC7267 Datasheet HTML 5Page - Sanyo Semicon Device LC7267 Datasheet HTML 6Page - Sanyo Semicon Device LC7267 Datasheet HTML 7Page - Sanyo Semicon Device LC7267 Datasheet HTML 8Page - Sanyo Semicon Device LC7267 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Make connection of the highest-order digit as shown below.
Timing Chart
Time setting (CTR/CLK = ‘‘L’’)
Sample Display at Each Display
(Setting by the time signal, hours-minutes display, hours-minutes setting)
Setting by the time signal: Setting to PM 12:00
Hours-minutes display: Display of PM 12:34
Hours-minutes setting: Setting to PM 11:45 from PM 11:23
12-hour system
24-hour system
Setting by the
time signal and
minutes setting
DEMAND pin
Flashing (2Hz) for setting by
the time signal
Mode of setting by
the time signal
Flashing stop
Hours-minutes
setting mode
Minutes
advance at
a 2 Hz rate
Hours-minutes
display
1.2 s. or more
Execution of counting
30min. or more as 1hr.
and disregarding 29min. or less
SET pin
Within 1.0 s.
Hours-minutes display
Hours setting
and minutes
setting
DEMAND pin
Flashing (2 Hz)
for setting by
the time signal
SET pin
(Hours setting)
Hours-minutes
setting mode
Flashing stop
1.2s
t: Approximately 100 ms.
Flashing (2 Hz)
for setting by
the time signal
Hours-minutes
setting mode
Flashing stop
Execution of minutes
setting
(Advance at a 2 Hz rate)
1.2s
Execution of hours
setting
(Advance at a 2 Hz rate)
Execute setting by
the time signal with
the SET pin.
Flashing ata2Hz rate when in
the mode of setting by the time
signal
PM
sign
When setting by the time signal is
executed, minutes become 00. If the
minutes display is at 30 to 59, hours are
incremented by 1 (counting 30 or more
as 1 hr. and disregarding 29 or less).
Flashing at a 2 Hz rate
The PM sign flashes in the afternoon when in the mode of
setting by the time signal, hours-minutes display,
hours-minutes setting.
(for 12-hour system).
PM sign
Set the SET pin to
VDD or VSS. After
lapse of 1.2 s,
flashing stops and
hours or minutes
advance at a 2 Hz
rate.
PM sign
Flashing at
a 2 Hz rate
PM
sign
Set the SET pin to VSS, and
setting is executed.
Set the SET pin to VDD, and
setting is executed.
LC7267
No. 1511- 5/10


Similar Part No. - LC7267

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7265 SANYO-LC7265 Datasheet
128Kb / 6P
   Received Frequency Display for Radio Receivers
More results

Similar Description - LC7267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6301AP TOSHIBA-TD6301AP Datasheet
358Kb / 14P
   STATIC DRIVER FOR LED/LCD RECEIVING FREQUENCY DISPLAY
1989-04-25
logo
Sanyo Semicon Device
LC7265 SANYO-LC7265 Datasheet
128Kb / 6P
   Received Frequency Display for Radio Receivers
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Fairchild Semiconductor
3817A FAIRCHILD-3817A Datasheet
272Kb / 4P
   DIGITAL CLOCK RADIO OR DIGITAL ALARM CLOCK
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
Texas Instruments
TMS3450NL TI-TMS3450NL Datasheet
272Kb / 11P
[Old version datasheet]   LED DUPLEX DIGITAL RADIO CLOCK
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
   Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com