Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP4A16GTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP4A16GTA
Description  40V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP4A16GTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP4A16GTA Datasheet HTML 1Page - Diodes Incorporated ZXMP4A16GTA Datasheet HTML 2Page - Diodes Incorporated ZXMP4A16GTA Datasheet HTML 3Page - Diodes Incorporated ZXMP4A16GTA Datasheet HTML 4Page - Diodes Incorporated ZXMP4A16GTA Datasheet HTML 5Page - Diodes Incorporated ZXMP4A16GTA Datasheet HTML 6Page - Diodes Incorporated ZXMP4A16GTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICO NDUC TORS
SUMMARY
V(BR)DSS = -40V: RDS(on) = 0.060 : ID = -6.4A
DESCRIPTION
This new generation of Trench MOSFETs from Zetex utilizes a unique structure
that combines the benefits of low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage, power management
applications.
FEATURES
·
Low on-resistance
·
Fast switching speed
·
Low threshold
·
Low gate drive
·
SOT223 package
APPLICATIONS
·
DC-DC Converters
·
Disconnect switches
·
Audio output stages
·
Motor Control
DEVICE MARKING
· ZXMP
4A16
ZXMP4A16G
1
40V P-CHANNEL ENHANCEMENT MODE MOSFET
ISSUE 4 - JULY 2003
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXMP4A16GTA
7”
12mm
1000 units
ZXMP4A16GTC
13”
12mm
4000 units
ORDERING INFORMATION
Top View
PINOUT
SOT223


Similar Part No. - ZXMP4A16GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP4A16GTA ZETEX-ZXMP4A16GTA Datasheet
266Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP4A16GTA DIODES-ZXMP4A16GTA Datasheet
638Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP4A16GTA VBSEMI-ZXMP4A16GTA Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
More results

Similar Description - ZXMP4A16GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
   40V P-channel enhancement mode MOSFET
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
   -40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
   -40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
logo
Diodes Incorporated
DMP4026LSSQ DIODES-DMP4026LSSQ Datasheet
573Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev: 2 - 2
logo
Pan Jit International I...
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
   40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com