Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A16K Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMP6A16K
Description  60V DPAK P-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A16K Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMP6A16K Datasheet HTML 1Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 2Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 3Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 4Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 5Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 6Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 7Page - Diodes Incorporated ZXMP6A16K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXMP6A16K
Issue 3 - June 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
Current
regulator
Charge
Gate charge test circuit
Basic gate charge waveform
D.U.T
50k
0.2 F
12V
Same as
D.U.T
V
GS
V
GS
VDS
VG
QGS
QGD
QG
VGS
90%
10%
t(on)
t(on)
td(on)
tr
tr
td(off)
V
DS
V
DD
R
D
R
G
Pulse width
1 S
Duty factor 0.1%
V
DS
I
D
I
G


Similar Part No. - ZXMP6A16K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
ZXMP6A16KTC ZETEX-ZXMP6A16KTC Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
More results

Similar Description - ZXMP6A16K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25K DIODES-ZXMN6A25K Datasheet
813Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K_07 Datasheet
617Kb / 8P
   60V N-channel enhancement mode MOSFET in DPAK
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMP10A18K DIODES-ZXMP10A18K Datasheet
829Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com