Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5505 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5505
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5505 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5505 Datasheet HTML 4Page - Linear Technology LTC5505 Datasheet HTML 5Page - Linear Technology LTC5505 Datasheet HTML 6Page - Linear Technology LTC5505 Datasheet HTML 7Page - Linear Technology LTC5505 Datasheet HTML 8Page - Linear Technology LTC5505 Datasheet HTML 9Page - Linear Technology LTC5505 Datasheet HTML 10Page - Linear Technology LTC5505 Datasheet HTML 11Page - Linear Technology LTC5505 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC5564
10
5564f
APPLICATIONS INFORMATION
Figure 4. 600MHz to 15GHz Power Detector
+
RFIN
VCCP
VCCRF
VCCA
GND
VOUT
G1
VCOMP
DETECT
OVERVOLTAGE
EVENT
VREF
G0
LEN
5564 F04
LTC5564
10
DETECT
VOLTAGE
8
7
14
5
13
1
11
15
12
3, 4, 17
FROM RF MATCHING
NETWORK/ANTENNA
VCC
47pF
10pF
1000pF
μC
Figure 5. Demo Board Schematic Optimized for 15GHz
VCOMP
VOUT
NC
17
2.2pF
15GHz
RFIN
1000pF
10pF
100pF
10pF
100pF
G1
G0
5564 F05
68Ω
1000pF
0.5pF
VCC
VREF
VCC
1
2
3
4
16
15
14
13
12
11
10
9
8
7
6
5
10k
10k
100pF
10k
RFIN
NC
GND
GND
VCCA
VCCP
VOUT
NC
VCCRF
LTC5564
VREF VCOMP
LEN
LEN
VOUTADJ
VOUTADJ G0
G1
Applications
The LTC5564 can be used as a self-standing signal strength
measurement receiver for a wide range of input signals
from –24dBm to 16dBm and frequencies from 600MHz
to 15GHz.
In addition to power detection, the LTC5564 may be used
as a demodulator for AM and ASK modulated signals.
Depending on the application the RSSI may be split into
two branches to provide AC-coupled data (e.g., audio) and
a DC-coupled RSSI output for signal strength measure-
ment and AGC.


Similar Part No. - LTC5505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5505 LINER-LTC5505 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5505 LINER-LTC5505 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5505 LINER-LTC5505 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
LTC5505 LINER-LTC5505 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
More results

Similar Description - LTC5505

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_1 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com