Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP10A18K Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXMP10A18K
Description  100V DPAK P-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP10A18K Datasheet(HTML) 8 Page - Diodes Incorporated

  ZXMP10A18K Datasheet HTML 1Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 2Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 3Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 4Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 5Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 6Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 7Page - Diodes Incorporated ZXMP10A18K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ZXMP10A18K
Issue 1 - August 2006
8
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - DPAK
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.086
0.094
2.18
2.39
e
0.090 BSC
2.29 BSC
A1
-
0.005
-
0.127
H
0.370
0.410
9.40
10.41
b
0.020
0.035
0.508
0.89
L
0.055
0.070
1.40
1.78
b2
0.030
0.045
0.762
1.14
L1
0.108 REF
2.74 REF
b3
0.205
0.215
5.21
5.46
L2
0.020 BSC
0.508 BSC
c
0.018
0.024
0.457
0.61
L3
0.035
0.065
0.89
1.65
c2
0.018
0.023
0.457
0.584
L4
0.025
0.040
0.635
1.016
D
0.213
0.245
5.41
6.22
L5
0.045
0.060
1.14
1.52
D1
0.205
-
5.21
-
10°
10°
E
0.250
0.265
6.35
6.73
°
15°
15°
E1
0.170
-
4.32
--
--
--


Similar Part No. - ZXMP10A18K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP10A18K ZETEX-ZXMP10A18K Datasheet
818Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
ZXMP10A18KTC ZETEX-ZXMP10A18KTC Datasheet
818Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMP10A18KTC VBSEMI-ZXMP10A18KTC Datasheet
1Mb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Diodes Incorporated
ZXMP10A18K DIODES-ZXMP10A18K_15 Datasheet
873Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP10A18K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP10A18K ZETEX-ZXMP10A18K Datasheet
818Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
ZXMP10A16K ZETEX-ZXMP10A16K Datasheet
750Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP10A16K DIODES-ZXMP10A16K Datasheet
763Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A11K ZETEX-ZXMN10A11K Datasheet
794Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
   100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com