Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72700 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC72700
Description  Mobile FM Multiplex Broadcast Receiver LSI
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72700 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72700 Datasheet HTML 6Page - Sanyo Semicon Device LC72700 Datasheet HTML 7Page - Sanyo Semicon Device LC72700 Datasheet HTML 8Page - Sanyo Semicon Device LC72700 Datasheet HTML 9Page - Sanyo Semicon Device LC72700 Datasheet HTML 10Page - Sanyo Semicon Device LC72700 Datasheet HTML 11Page - Sanyo Semicon Device LC72700 Datasheet HTML 12Page - Sanyo Semicon Device LC72700 Datasheet HTML 13Page - Sanyo Semicon Device LC72700 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Circuit Operation at Reset
1. Reset Signal
The reset operation is executed by holding the RST pin input level under VIL for 300 ns or longer when the power-
supply voltage (VDD) is over 3.4 volts. (See the figure.)
The reset operation is necessary to run this LSI.
2. Pin Outputs during a Reset
Low-level outputs: ...FILCK (1), CLK (5), DAT0 (13) to DAT7 (20), BCLOCK (21), FCLOCK (22), BL-CK (23),
FC-CK (24), D0 (32)
High-level outputs: ...RDY (26), RDYO (27), INT-R (35), XOUT (47)
Note: In serial mode, the DAT0 to DAT7 pins are held at the low level at all times. In parallel mode, these pins
output low levels during a reset.
3. Reset Operating Ranges
The output pins are stipulated to operate as described in item 2 above according to a reset signal. All the LSI internal
registers go the reset state. While the shift registers for 1T and 2T delay also go to the reset state, memory cells are
not affected. However, since the memory refresh operation is stopped, data cannot be maintained. The crystal
oscillator circuit is not stopped.
4. Data Input Following a Reset
The serial or the parallel input control circuit becomes capable of operating (accepting data) one clock cycle (about
278 ns at 3.6 MHz: i.e., the LSI's main clock) after the reset completes.
Output Data (basic operation concerning error correction)
Error correction using (272, 190) codes is performed for every block (272 bits) of received data. Data is output
immediately after error correction. This is referred to as horizontal correction. If the data could not be corrected by
horizontal correction, correction is performed in field units using product codes. This is referred to as vertical correction.
Since the horizontal correction output is output for each received block, it is an effective scheme for applications in
which the received data is desired quickly, such as in synchronous broadcasting. Vertical correction is only performed
when frame synchronization is achieved. Also, vertical correction is not performed when all the packet (block) data has
been completely corrected by horizontal correction. Since vertical correction is performed after one frame (272 blocks)
of data has been accumulated, normally about 5 seconds is required from data reception to the output of corrected data.
When post-horizontal correction data is output, all data blocks, including the parity block, are output. Post-vertical
correction output data does not include parity block data, but rather only the data in the data blocks (190 blocks of data)
is output. Note that when either frame synchronization is not achieved or horizontal correction completes and vertical
correction is not performed, the data that is output could be called post-vertical correction data. However, the content of
that data will be identical to post-horizontal correction data.
No. 4870-10/14
LC72700E, LC72700G
VDD voltage
RST


Similar Part No. - LC72700

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72706 SANYO-LC72706 Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72706E SANYO-LC72706E Datasheet
164Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
LC72707 SANYO-LC72707 Datasheet
160Kb / 15P
   FM Multiplex Receiver IC Supporting All Worldwide Standards
More results

Similar Description - LC72700

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
   LSI for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com