Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMS6001N3TA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXMS6001N3TA
Description  60V N-channel self protected enhancement mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6001N3TA Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXMS6001N3TA Datasheet HTML 2Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 3Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 4Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 5Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 6Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 7Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 8Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 9Page - Diodes Incorporated ZXMS6001N3TA Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXMS6001N3
Issue 1 - January 2008
7
www.zetex.com
© Zetex Semiconductors plc 2008
Large copper area characteristics
For large copper area as described in note (a)
Max Ambient Temperature TA
Maximum continuous current
VIN=5V
25°C at Vin=5V
1140
70°C at Vin=5V
915
85°C at Vin=5V
825
125°C at Vin=5V
510
1
10
100
10m
100m
1
1ms
Single Pulse
T
amb
=25°C
R
DS(on)
Limited
10ms
100ms
1s
Safe Operating Area
V
DS
Drain-Source Voltage (V)
DC
0
20
40
60
80
100
120 140 160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
See Note (a) 6cm
2 Copper
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
T
amb
=25°C
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse
T
amb
=25°C
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - ZXMS6001N3TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMS6001N3TA ZETEX-ZXMS6001N3TA Datasheet
211Kb / 10P
   60V N-channel self protected enhancement mode INTELLIFETTM MOSFET
More results

Similar Description - ZXMS6001N3TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6003G DIODES-ZXMS6003G Datasheet
789Kb / 10P
   60V N-channel self protected enhancement mode
ZXMS6004FFQ DIODES-ZXMS6004FFQ Datasheet
421Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DT8Q DIODES-ZXMS6005DT8Q Datasheet
359Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6002G DIODES-ZXMS6002G Datasheet
675Kb / 10P
   60V N-Channel self protected enhancement mode
ZXMS6006SG DIODES-ZXMS6006SG Datasheet
249Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
DS35141 Rev. 1 - 2
ZXMS6004DGQ DIODES-ZXMS6004DGQ Datasheet
435Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DN8 DIODES-ZXMS6004DN8 Datasheet
424Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004N8 DIODES-ZXMS6004N8 Datasheet
717Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6005DGQ DIODES-ZXMS6005DGQ Datasheet
253Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6004DG DIODES-ZXMS6004DG Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com