Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT10P40DE6TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXT10P40DE6TA
Description  40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT10P40DE6TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXT10P40DE6TA Datasheet HTML 1Page - Diodes Incorporated ZXT10P40DE6TA Datasheet HTML 2Page - Diodes Incorporated ZXT10P40DE6TA Datasheet HTML 3Page - Diodes Incorporated ZXT10P40DE6TA Datasheet HTML 4Page - Diodes Incorporated ZXT10P40DE6TA Datasheet HTML 5Page - Diodes Incorporated ZXT10P40DE6TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISSUE 1 - SEPTEMBER 2000
ZXT10P40DE6
TYPICAL CHARACTERISTICS
3


Similar Part No. - ZXT10P40DE6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6TA ZETEX-ZXT10P40DE6TA Datasheet
228Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT10P40DE6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P40DE6 DIODES-ZXT13P40DE6 Datasheet
422Kb / 6P
   40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX DIODES-ZXT12P40DX Datasheet
334Kb / 7P
   DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14P40DX ZETEX-ZXT14P40DX Datasheet
262Kb / 6P
   SuperSOT4??40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX ZETEX-ZXT12P40DX Datasheet
250Kb / 6P
   DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com