Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT12N50DXTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXT12N50DXTA
Description  DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT12N50DXTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXT12N50DXTA Datasheet HTML 1Page - Diodes Incorporated ZXT12N50DXTA Datasheet HTML 2Page - Diodes Incorporated ZXT12N50DXTA Datasheet HTML 3Page - Diodes Incorporated ZXT12N50DXTA Datasheet HTML 4Page - Diodes Incorporated ZXT12N50DXTA Datasheet HTML 5Page - Diodes Incorporated ZXT12N50DXTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT12N50DX
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
100
200
V
IC=100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
50
65
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.5
V
IE=100 A
Collector Cut-Off Current
ICBO
100
nA
VCB=80V
Emitter Cut-Off Current
IEBO
100
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
100
nA
VCES=80V
Collector-Emitter Saturation
Voltage
VCE(sat)
11
95
190
135
13
120
250
175
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=50mA*
IC=3A, IB=300mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.9
0.95
V
IC=3A, IB=50mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.83
0.9
V
IC=3A, VCE=2V*
Static Forward Current Transfer
Ratio
hFE
250
300
150
50
400
450
250
100
900
IC=10mA, VCE=2V*
IC=1A, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
Transition Frequency
fT
132
MHz
IC=50mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
26
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
115
ns
VCC=10V, IC=1A
IB1=IB2=20mA
Turn-Off Time
t(off)
1000
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
4


Similar Part No. - ZXT12N50DXTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12N50DXTA ZETEX-ZXT12N50DXTA Datasheet
258Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT12N50DXTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12N50DX ZETEX-ZXT12N50DX Datasheet
258Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 ZETEX-ZXTD09N50DE6 Datasheet
288Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 DIODES-ZXTD09N50DE6 Datasheet
298Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD2090E6 DIODES-ZXTD2090E6 Datasheet
165Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10N50DE6 ZETEX-ZXT10N50DE6 Datasheet
223Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N50DE6 DIODES-ZXT13N50DE6 Datasheet
429Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD619MC DIODES-ZXTD619MC_15 Datasheet
222Kb / 7P
   DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTD619MC DIODES-ZXTD619MC Datasheet
193Kb / 7P
   DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14N50DX ZETEX-ZXT14N50DX Datasheet
264Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com