Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2871IUHFPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2871IUHFPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871IUHFPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2871IUHFPBF Datasheet HTML 2Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 3Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 4Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 5Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 6Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 7Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 8Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 9Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC2870/LTC2871
6
28701f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 3.3V, TE485 = 0V, LB = 0V unless otherwise noted. VL ≤ VCC.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS485 AC Characteristics
Maximum Data Rate
(Note 3)
l
20
Mbps
tPLHD485
tPHLD485
Driver Propagation Delay
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
20
70
ns
Driver Propagation Delay Difference
|tPLHD485 – tPHLD485|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
16
ns
tSKEWD485
Driver Skew (Y to Z)
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
1±6
ns
tRD485, tFD485
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
15
ns
tZLD485, tZHD485,
tLZD485, tHZD485
Driver Output Enable or Disable Time
FEN = VL, RL = 500Ω, CL = 50pF (Figure 5)
l
120
ns
tZHSD485, tZLSD485 Driver Enable from Shutdown
RL = 500Ω, CL = 50pF (Figure 5)
l
8μs
tPLHR485, tPHLR485 Receiver Input to Output
CL = 15pF, VCM = 1.5V, |A – B| = 1.5V
(Figure 6) (Note 5)
l
65
85
ns
tSKEWR485
Differential Receiver Skew
|tPLHR485 – tPHLR485|
CL = 15pF (Figure 6)
l
16
ns
tRR485, tFR485
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
315
ns
tZLR485, tZHR485,
tLZR485, tHZR485
Receiver Output Enable or Disable Time
FEN = VL, RL = 1kΩ, CL = 15pF (Figure 7)
l
50
ns
tRTEN485, tRTZ485
Termination Enable or Disable Time
FEN = VL, VB = 0V, VAB = 2V (Figure 8) (Note 5) l
100
μs
RS232 AC Characteristics
Maximum Data Rate
RL = 3kΩ, CL = 2500pF
RL = 3kΩ, CL = 500pF
(Note 3)
l
l
100
500
kbps
kbps
Driver Slew Rate (Figure 9)
RL = 3kΩ, CL = 2500pF
RL = 3kΩ, CL = 50pF
l
l
4
30
V/μs
V/μs
tPHLD232, tPLHD232 Driver Propagation Delay
RL = 3kΩ, CL = 50pF (Figure 9)
l
12
μs
tSKEWD232
Driver Skew
RL = 3kΩ, CL = 50pF (Figure 9)
50
ns
tZLD232, tZHD232,
tLZD232, tHZD232
Driver Output Enable or Disable Time
FEN = VL, RL = 3kΩ, CL = 50pF (Figure 10)
l
0.4
2
μs
tPHLR232, tPLHR232 Receiver Propagation Delay
CL = 150pF (Figure 11)
l
60
200
ns
tSKEWR232
Receiver Skew
CL = 150pF (Figure 11)
25
ns
tRR232, tFR232
Receiver Rise or Fall Time
CL = 150pF (Figure 11)
l
60
200
ns
tZLR232, tZHR232,
tLZR232, tHZR232
Receiver Output Enable or Disable Time
FEN = VL, RL = 1kΩ, CL = 150pF (Figure 12)
l
0.7
2
μs
Power Supply Generator
VDD/VEE Supply Rise Time
FEN =
, (Notes 3 and 4)
l
0.2
2
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: Guaranteed by other measured parameters and not tested directly.
Note 4: Time from FEN
until VDD ≥ 5V and VEE ≤ –5V. External
components as shown in the Typical Application section.
Note 5: Condition applies to A, B for H/F = 0V, and Y, Z for H/F = VL.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Overtemperature protection activates at a junction temperature exceeding
150°C. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 7: Guaranteed by design and not subject to production test.


Similar Part No. - LTC2871IUHFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2871 LINER-LTC2871 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
logo
Analog Devices
LTC2871 AD-LTC2871 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results

Similar Description - LTC2871IUHFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com