Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT13P12DE6TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT13P12DE6TA
Description  12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT13P12DE6TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT13P12DE6TA Datasheet HTML 1Page - Diodes Incorporated ZXT13P12DE6TA Datasheet HTML 2Page - Diodes Incorporated ZXT13P12DE6TA Datasheet HTML 3Page - Diodes Incorporated ZXT13P12DE6TA Datasheet HTML 4Page - Diodes Incorporated ZXT13P12DE6TA Datasheet HTML 5Page - Diodes Incorporated ZXT13P12DE6TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 1 - DECEMBER 1999
ZXT13P12DE6
SuperSOT4™
12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SUMMARY
V
CEO=-12V; RSAT = 37m
;I
C= -4A
DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex
matrix structure combined with advanced assembly techniques to give
extremely low on state losses. This makes it ideal for high efficiency, low
voltage switching applications.
FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• h
FE characterised up to 15A
• I
C=4A Continuous Collector Current
• SOT23-6 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZXT13P12DE6TA
7
8mm embossed
3000 units
ZXT13P12DE6TC
13
8mm embossed
10000 units
DEVICE MARKING
P12D
Top View
1
SOT23-6
C
E
B
C
C
C


Similar Part No. - ZXT13P12DE6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13P12DE6TA ZETEX-ZXT13P12DE6TA Datasheet
413Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P12DE6TA DIODES-ZXT13P12DE6TA Datasheet
385Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT13P12DE6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6 DIODES-ZXT10P12DE6 Datasheet
245Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P12DX DIODES-ZXT12P12DX Datasheet
269Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P12DX ZETEX-ZXT12P12DX Datasheet
258Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com