Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CES2310 Datasheet(PDF) 2 Page - Chino-Excel Technology

Part # CES2310
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CES2310 Datasheet(HTML) 2 Page - Chino-Excel Technology

  CES2310 Datasheet HTML 1Page - Chino-Excel Technology CES2310 Datasheet HTML 2Page - Chino-Excel Technology CES2310 Datasheet HTML 3Page - Chino-Excel Technology CES2310 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CES2310
Electrical Characteristics TA = 25 C unless otherwise noted
Parameter
Symbol
Min
Units
Off Characteristics
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Body Leakage Current, Forward
Forward Transconductance
Gate Threshold Voltage
Static Drain-Source
On-Resistance
BVDSS
IDSS
IGSSR
IGSSF
34
28
0.6
1.4
-100
100
1
mΩ
V
nA
nA
µ
A
V
S
2
Gate Body Leakage Current, Reverse
On Characteristics c
Dynamic Characteristics d
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Switching Characteristics d
Turn-On Delay Time
Turn-Off Fall Time
Turn-Off Delay Time
Turn-On Rise Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Drain-Source Diode Characteristics and Maximun Ratings
Drain-Source Diode Forward Current b
Drain-Source Diode Forward Voltage c
Test Condition
VGS = 0V, ID = 250µA
VGS(th)
RDS(on)
gFS
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
IS
VSD
Typ
Max
30
VDS = 30V, VGS = 0V
VGS = 12V, VDS = 0V
VGS = -12V, VDS = 0V
VGS = VDS, ID = 250µA
VGS = 10V, ID = 4.8A
VGS = 4.5V, ID = 4A
VGS = 2.5V, ID = 2A
VDS = 10V, ID = 4.8A
VDD = 15V, ID = 4.8A,
VGS = 10V, RGEN = 3Ω
VDS = 15V, ID = 4.8A,
VGS = 4.5V
VDS = 15V, VGS = 0V,
f = 1.0 MHz
VGS = 0V, IS = 1A
610
125
80
10
3
35
4
20
6
70
8
9.0
2.3
2.2
12
4.8
1
12
40
60
32
45
mΩ
mΩ
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
A
V
7
Notes :
a.Repetitive Rating : Pulse width limited by maximum junction temperature.
b.Surface Mounted on FR4 Board, t < 5 sec.
c.Pulse Test : Pulse Width < 300µs, Duty Cycle < 2%.
d.Guaranteed by design, not subject to production testing.


Similar Part No. - CES2310

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CES2310L CET-MOS-CES2310L Datasheet
482Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2017.June
More results

Similar Description - CES2310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com