Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3694EUFDPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3694EUFDPBF
Description  36V, 2.6A Monolithic Buck Regulator With Dual LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694EUFDPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3694EUFDPBF Datasheet HTML 3Page - Linear Technology LT3694EUFDPBF Datasheet HTML 4Page - Linear Technology LT3694EUFDPBF Datasheet HTML 5Page - Linear Technology LT3694EUFDPBF Datasheet HTML 6Page - Linear Technology LT3694EUFDPBF Datasheet HTML 7Page - Linear Technology LT3694EUFDPBF Datasheet HTML 8Page - Linear Technology LT3694EUFDPBF Datasheet HTML 9Page - Linear Technology LT3694EUFDPBF Datasheet HTML 10Page - Linear Technology LT3694EUFDPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3694/LT3694-1
7
36941fa
PIN FUNCTIONS
VIN (Pin 1/Pins 27, 28): The VIN pin supplies power to the
internal switch of the 2.6A regulator and to the LT3694’s
internal reference and start-up circuitry. This pin must be
locally bypassed.
EN/UVLO (Pin 2/Pin 1): The EN/UVLO pin is used to shut
down the LT3694. It can be driven from a logic level or
used as an undervoltage lockout by connecting a resistor
divider from VIN.
CLKOUT (Pin 3/Pin 2): Digital Clock Output. The CLKOUT
pin allows synchronization of other switching regulators
(LT3694-1 only).
SYNC (Pin 3/Pin 2): Frequency Synchronization Input.
Connect a frequency source to this input if synchronization
is desired. Connect SYNC to ground if not used (LT3694
only).
PGOOD (Pin 4/Pin 3): Open Collector Output. PGOOD is
pulled low when any of the three regulators drops out of
regulation (VFB < 90% of nominal value).
RT (Pin 5/Pin 4): The RT pin requires a resistor to ground
to set the operating frequency of the LT3694. If synchroniz-
ing the LT3694 to an external clock, the resistor should
be set to program the frequency at least 20% below the
synchronization frequency.
TRK/SS1, TRK/SS2 , TRK/SS3 (Pins 6, 7, 14/Pins 5, 6, 17):
The TRK/SS pins allow a regulator to track the output of
another regulator. When the TRK/SS pin is below 0.75V,
the FB pin regulates to the TRK/SS voltage. This pin can
also be used as a soft-start by connecting a capacitor from
TRK/SS to ground. The TRK/SS pins should be left open
if neither feature is used.
FB1, FB2, FB3 (Pins 15, 8, 13/Pins 18, 7, 16): Negative
Inputs of the Error Amplifiers. The LT3694 regulates each
feedback pin to the lesser of 0.75V or the corresponding
TRK/SS pin voltage. Connect the feedback resistor divider
taps to these pins.
DRV2, DRV3 (Pins 9, 12/Pins 8, 15): The DRV pins
provide the base drive for the external NPN transistors
for the LDO regulators. The DRV pins can provide up to
6V of base drive.
LIM2, LIM3 (Pins 10, 11/Pins 9, 14): The LIM pins provide
current limiting on the LDO pass transistors by sensing
a voltage on an external sense resistor connected to the
BIAS pin. These pins should be connected to BIAS if this
function is not used.
GND (Pins 10, 11, 12, 13, 25, 26) UFD Package Only:
Power and Signal Ground.
VC1 (Pin 16/Pin 19): Output of the Internal Error Amp.
The voltage on this pin controls the peak switch cur-
rent. This pin is normally used to compensate the
control loop. The switching regulator can be shut
down by pulling the VC1 pin to ground with an NMOS
or NPN transistor.
BIAS (Pin 17/Pin 20): The BIAS pin supplies the current
to the LT3694’s internal regulator and boost circuits. This
must be connected to a voltage source above 3V, usually
to VOUT1. The LDO pass transistor base current will also
come from the BIAS pin if it is at least 1.8V above the
LDO output.
BST (Pin 18/Pin 21): The BST pin is used to provide a
drive voltage, higher than the input voltage, to the internal
bipolar NPN power switch.
DA (Pin 19/Pin 22): The DA pin senses the catch diode
current to prevent excessive inductor current in output
overload or short-circuit conditions.
SW (Pin 20/Pins 23, 24): Output of the Internal Power
Switch. Connect this pin to the inductor and switching
diode.
Exposed Pad (Pin 21/Pin 29): Ground. The underside
exposed pad metal of the package provides both elec-trical
contact to ground and a conductive thermal path to the
printed circuit board. The Exposed Pad must be soldered to
a grounded pad on the circuit board for proper operation.
(FE/UFD)


Similar Part No. - LT3694EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3694 LINER-LT3694 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3694 LINER-LT3694 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3694 LINER-LT3694 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3694 LINER-LT3694 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
LT3694-1 LINER-LT3694-1 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
More results

Similar Description - LT3694EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3694-1 LINER-LT3694-1_15 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
LT3694 LINER-LT3694_15 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
DC1023A LINER-DC1023A_15 Datasheet
294Kb / 1P
   36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
LTC3446 LINER-LTC3446_15 Datasheet
288Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
logo
STMicroelectronics
L5963 STMICROELECTRONICS-L5963 Datasheet
936Kb / 45P
   Dual monolithic switching regulator with LDO and HSD
October 2015 Rev 1
logo
Nisshinbo Micro Devices...
R1516X NISSHINBO-R1516X Datasheet
400Kb / 14P
   150mA 36V Input LDO Regulator
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com