Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3694-1EUFDPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3694-1EUFDPBF
Description  36V, 2.6A Monolithic Buck Regulator With Dual LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694-1EUFDPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3694-1EUFDPBF Datasheet HTML 7Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 8Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 9Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 10Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 11Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 12Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 13Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 14Page - Linear Technology LT3694-1EUFDPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3694/LT3694-1
11
36941fa
APPLICATIONS INFORMATION
tOFF(MIN) = 140ns. fMAX1 is the frequency at which the mini-
mumdutycycleisexceeded.TheregulatorwillskipONpulses
in order to reduce the overall duty cycle at frequencies above
fMAX1. It will continue to regulate but with increased
inductor current and greatly increased output ripple. The
increased peak inductor current in pulse-skipping will
also stress the switch transistor at high voltages and high
switching frequency. fMAX2 is the frequency at which the
maximum duty cycle is exceeded. If there is sufficient
charge on the BST capacitor, the regulator will skip OFF
periods to increase the overall duty cycle at frequencies
above fMAX2. It will continue to regulate but will not have
constant-frequency operation.
Note that the restriction on the operating input voltage
refers to steady-state limits to keep the output in regulation
in constant-frequency mode; the circuit will tolerate input
voltage transients up to the absolute maximum rating.
Switching Frequency
Once the upper limit for the switching frequency is found
from the duty cycle requirements, the frequency may be
chosen below the upper limit. Lower frequencies result in
lower switching losses, but require larger inductors and
capacitors. The user must decide the best trade-off. The
switching frequency is set by a resistor connected from
the RT pin to ground, or by forcing a clock signal into the
SYNC pin (LT3694 only). The LT3694 applies a voltage of
0.75V across this resistor and uses the current to set the
oscillator speed. The switching frequency is given by the
following formula:
f
SW =
49.8
R
T + 8.8
where fSW is in MHz and RT is in kΩ. The formula is
accurate within ±2% over the frequency range. Table 1
shows the typical measured value of RT for several com-
mon switching frequencies.
Table 1: RT for Common Frequencies
SWITCHING FREQUENCY (MHz)
RT (k)
0.25
193
0.5
90.2
0.75
56.6
1
40.2
1.25
30.5
1.5
23.8
1.75
19.6
2
16.0
2.25
13.5
2.5
11.4
For external clocks applied to the SYNC pin (LT3694 only),
the circuit will support VH logic levels from 1.8V to 5V
CMOS or TTL. The duty cycle needs a minimum on time of
100ns and a minimum off time of 100ns. When operating
in sync mode, RT should be set to provide a frequency at
least 20% below the minimum sync frequency.
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L
=
V
OUT + VF
1.25A • f
where f is the switching frequency in MHz, L is the inductor
value in μH, VOUT is the output voltage and VF is the catch
diode voltage drop.
The current in the inductor is a triangle wave with an
average value equal to the load current. The peak switch
current is equal to the output current plus half the peak-to-
peak inductor ripple current. The LT3694 limits its switch
current in order to protect itself and the system from
overload faults. Therefore, the maximum output current
that the LT3694 will deliver depends on the switch current
limit, the inductor value and the input and output voltages.
When the switch is off, the potential across the inductor
is the output voltage plus the catch diode drop. This gives
the peak-to-peak ripple current in the inductor:
ΔI
L = (1− DC)
V
OUT + VF
L•f


Similar Part No. - LT3694-1EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3694-1 LINER-LT3694-1 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
LT3694-1 LINER-LT3694-1_15 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
More results

Similar Description - LT3694-1EUFDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3694-1 LINER-LT3694-1_15 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
LT3694 LINER-LT3694_15 Datasheet
343Kb / 28P
   36V, 2.6A Monolithic Buck Regulator With Dual LDO
DC1023A LINER-DC1023A_15 Datasheet
294Kb / 1P
   36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
LTC3446 LINER-LTC3446_15 Datasheet
288Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
logo
STMicroelectronics
L5963 STMICROELECTRONICS-L5963 Datasheet
936Kb / 45P
   Dual monolithic switching regulator with LDO and HSD
October 2015 Rev 1
logo
Nisshinbo Micro Devices...
R1516X NISSHINBO-R1516X Datasheet
400Kb / 14P
   150mA 36V Input LDO Regulator
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com