Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72711LW Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC72711LW
Description  Mobile FM Multiplex Broadcast DARC Receiver IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72711LW Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC72711LW Datasheet HTML 1Page - Sanyo Semicon Device LC72711LW Datasheet HTML 2Page - Sanyo Semicon Device LC72711LW Datasheet HTML 3Page - Sanyo Semicon Device LC72711LW Datasheet HTML 4Page - Sanyo Semicon Device LC72711LW Datasheet HTML 5Page - Sanyo Semicon Device LC72711LW Datasheet HTML 6Page - Sanyo Semicon Device LC72711LW Datasheet HTML 7Page - Sanyo Semicon Device LC72711LW Datasheet HTML 8Page - Sanyo Semicon Device LC72711LW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
No. 6167-3/29
LC72711W, 72711LW
[LC72711W]
Allowable Operating Ranges: Parallel Interface at Ta = –40 to +85°C, VSS = 0 V
Notes:
Application designs must take the RDY signal output delay into consideration if the RDY signal is used as the CPU bus wait signal.
When the RDY signal is used, the “RD low-level width” and the “Corrected output RD width” values express the basic timing (excluding the wait
time) settings for the CPU bus.
If the RDY signal is not used, (that is, if no wait states are inserted) the value of the RD low-level width will be 250 ns (minimum).
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Address to RD setup
tSARD
A0/CL, A1/CE, A2/DI, A3, RD
20
ns
RD to address hold
tHARD
A0/CL, A1/CE, A2/DI, A3, RD, tWRDL→250 ns
–20
ns
RD low-level width
tWRDL1
RD
250
ns
RD low-level width (when RDY is used)
tWRDL2
RD
100
250
ns
RD cycle wait
tCYRD
A0/CL, A1/CE, A2/DI, A3, RD
150
ns
RDY width (Register read)
tWRDY
RDY
60
210
ns
RD data hold
tRDH
RD, DATn
0
ns
Address to WR setup
tSAWR
A0/CL, A1/CE, A2/DI, A3, WR
20
ns
WR to address hold
tHAWR
A0/CL, A1/CE, A2/DI, A3, WR
20
ns
WR cycle wait
tCYWR
A0/CL, A1/CE, A2/DI, A3, WR
150
ns
WR low-level width
tWWRL
WR
200
ns
WR data hold
tWDH
WR, DATn
0
ns
RDY output delay
tDRDY
RD, RDY
0
30
ns
Corrected output RD width
tWDRD1
RD (BUSWD = L 8 bits)
300
ns
RD (BUSWD = H 16 bits)
540
ns
Corrected output RD width
tWDRD2
RD (BUSWD = L 8 bits)
100
300
ns
(when RDY is used)
RD (BUSWD = H 16 bits)
300
540
ns
RDY width (corrected output read)
tWDRDY
RDY (BUSWD = L 8 bits)
60
210
ns
RDY ((BUSWD = H 16 bits)
300
490
ns
DACK to DREQ delay
tDREQ
DREQ, DACK
260
ns
DMA cycle wait
tCYDM
RD, DREQ
420
ns
RD low-level width (DMA)
tWRDM
RD
300
ns


Similar Part No. - LC72711LW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

Similar Description - LC72711LW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com