Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72711LW Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC72711LW
Description  Mobile FM Multiplex Broadcast DARC Receiver IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72711LW Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72711LW Datasheet HTML 3Page - Sanyo Semicon Device LC72711LW Datasheet HTML 4Page - Sanyo Semicon Device LC72711LW Datasheet HTML 5Page - Sanyo Semicon Device LC72711LW Datasheet HTML 6Page - Sanyo Semicon Device LC72711LW Datasheet HTML 7Page - Sanyo Semicon Device LC72711LW Datasheet HTML 8Page - Sanyo Semicon Device LC72711LW Datasheet HTML 9Page - Sanyo Semicon Device LC72711LW Datasheet HTML 10Page - Sanyo Semicon Device LC72711LW Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
No. 6167-7/29
LC72711W, 72711LW
[LC72711LW]
Electrical Characteristics at VDD = +2.7 to +3.6 V, within the allowable operating ranges
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VOH1
Io = 1 mA, BCK, FCK, BLOCK, FLOCK,
VDD – 0.4
V
High-level output voltage
CRC4, CLK16DATA
VOH2
Io = 2 mA, INT, RDY, DREQ, D0 to D15
VDD – 0.4
V
VOL1
Io = 1 mA, Pins for which VOH1 applies
0.4
V
Low-level output voltage
VOL2
Io = 2 mA, Pins for which VOH2 applies
0.4
V
VOL3
Io = 1 mA, DO, INT
0.4
V
IIH1
VIN = 5.5 V, A0/CL, A1/CE, A2/DI, RST,
1.0
µA
High-level input current
STNBY
IIH2VIN = VDDD, All input pins other than IIH1
1.0
µA
Low-level input current
IIL
VIN = VSSD, All input pins
–1.0
µA
Input resistance
Rmpx
MPXIN – Vssa f = 100 kHz
50
k
Reference supply voltage output
Vref
Vref, Vdda = 3 V
1.5
V
Bandpass filter center frequency
Fc
FLOUT
76.0
kHz
–3 dB bandwidth
Fbw
FLOUT
19.0
kHz
Group delay
Dgd
FLOUT
–7.5
+7.5
µs
Gain
Gain
FLOUT – MPXIN f = 76 kHz
20
dB
ATT1
FLOUT f = 50 kHz
25
dB
Stop band attenuation
ATT2
FLOUT f = 100 kHz
15
dB
ATT3
FLOUT f = 30 kHz
50
dB
ATT4
FLOUT f = 150 kHz
50
dB
Output off leakage current
IOFF
V0 = VDDD, DO
1.0
µA
Hysteresis voltage
VHIS
A0/CL, A1/CE, A2/DI, A3, CS, RD, WR,
0.1 VDDD
V
DACK, IOCNT1, IOCNT2, RST, STNBY
Internal feedback resistor
Rf
XIN, XOUT
1.0
M
Current drain
IDD
12
20
mA


Similar Part No. - LC72711LW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

Similar Description - LC72711LW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com