Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTC6717MC Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXTC6717MC
Description  DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC6717MC Datasheet(HTML) 9 Page - Diodes Incorporated

  ZXTC6717MC Datasheet HTML 1Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 2Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 3Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 4Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 5Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 6Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 7Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 8Page - Diodes Incorporated ZXTC6717MC Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ZXTC6717MC
Document number: DS31926 Rev. 3 - 2
9 of 9
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC6717MC
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR
PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other
changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising
out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under
its patent or trademark rights, nor the rights of others.
Any Customer or user of this document or products described herein in such
applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are
represented on Diodes Incorporated website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales
channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall
indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising
out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and
markings noted herein may also be covered by one or more United States, international or foreign trademarks.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the
express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A.
Life support devices or systems are devices or systems which:
1.
are intended to implant into the body, or
2.
support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in
the labeling can be reasonably expected to result in significant injury to the user.
B.
A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause
the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems,
and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their
products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices-
or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes
Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life
support devices or systems.
Copyright © 2010, Diodes Incorporated
www.diodes.com


Similar Part No. - ZXTC6717MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTC6717MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDA1M832 ZETEX-ZXTDA1M832 Datasheet
266Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
   DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
   DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
   15V NPN LOW SATURATION TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com