Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2630 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2630
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630 Datasheet(HTML) 4 Page - Linear Technology

  LTC2630 Datasheet HTML 1Page - Linear Technology LTC2630 Datasheet HTML 2Page - Linear Technology LTC2630 Datasheet HTML 3Page - Linear Technology LTC2630 Datasheet HTML 4Page - Linear Technology LTC2630 Datasheet HTML 5Page - Linear Technology LTC2630 Datasheet HTML 6Page - Linear Technology LTC2630 Datasheet HTML 7Page - Linear Technology LTC2630 Datasheet HTML 8Page - Linear Technology LTC2630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2380-16
4
238016p
ADC TIMING CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
l
2
Msps
tCONV
Conversion Time
l
290
310
ns
tACQ
Acquisition Time
tACQ = tCYC –tCONV – tBUSYLH (Note 10)
l
175
ns
tCYC
Time Between Conversions
l
500
ns
tCNVH
CNV High Time
l
20
ns
tBUSYLH
CNV
↑ to BUSY Delay
CL = 20pF (Note 11)
l
15
ns
tCNVL
Minimum Low Time for CNV
(Note 11)
l
20
ns
tQUIET
SCK Quiet Time from CNV
(Note 10)
l
10
ns
tSCK
SCK Period
(Notes 11, 12)
l
10
ns
tSCKH
SCK High Time
l
4ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
POWER REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
l
2.375
2.5
2.625
V
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
IOVDD
IPD
IPD
Supply Current
Supply Current
Power Down Mode
Power Down Mode
2Msps Sample Rate
2Msps Sample Rate (CL = 20pF)
Conversion Done (IVDD + IOVDD)
Conversion Done (IVDD + IOVDD, H-Grade)
l
l
l
7.5
1.1
0.9
0.9
8.5
40
110
mA
mA
μA
μA
PD
Power Dissipation
Power Down Mode
Power Down Mode
2Msps Sample Rate
Conversion Done (IVDD + IOVDD)
Conversion Done (IVDD + IOVDD, H-Grade)
19
2.25
2.25
21
100
275
mW
μW
μW
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
REFERENCE INPUT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
(Note 5)
l
2.5
5.1
V
IREF
Reference Input Current
(Note 9)
l
1.2
1.5
mA
VIHDGC
High Level Input Voltage REF/DGC Pin
l
0.8VREF
V
VILDGC
Low Level Input Voltage REF/DGC Pin
l
0.2VREF
V
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l 0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
IO = –500 μA
l OVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 500 μA
l
0.2
V
IOZ
Hi-Z Output Leakage Current
VOUT = 0V to OVDD
l
–10
10
μA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = OVDD
10
mA
The
l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
346Kb / 20P
   Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
   16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com