Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD4591E6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTD4591E6
Description  DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD4591E6 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTD4591E6 Datasheet HTML 1Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 2Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 3Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 4Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 5Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 6Page - Diodes Incorporated ZXTD4591E6 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSUE 1 - JULY 2000
ZXTD4591E6
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
73
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
LIMIT NPN
LIMIT PNP
UNIT
Collector-Base Voltage
VCBO
80
-80
V
Collector-Emitter Voltage
VCEO
60
-60
V
Emitter-Base Voltage
VEBO
5-5
V
Peak Pulse Current
ICM
2-2
A
Continuous Collector Current
IC
1-1
A
Base Current
IB
500
-500
mA
Power Dissipation at TA=25°C (a)
Linear Derating Factor
PD
1.1
8.8
1.1
8.8
W
mW/°C
Power Dissipation at TA=25°C (b)
Linear Derating Factor
PD
1.7
13.6
1.7
13.6
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
-55 to +150
°C


Similar Part No. - ZXTD4591E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD4591E6 ZETEX-ZXTD4591E6 Datasheet
161Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
ZXTD4591E6TA ZETEX-ZXTD4591E6TA Datasheet
161Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZXTD4591E6TA DIODES-ZXTD4591E6TA Datasheet
691Kb / 8P
   COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZXTD4591E6TC ZETEX-ZXTD4591E6TC Datasheet
161Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6_15 Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
More results

Similar Description - ZXTD4591E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6_15 Datasheet
174Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZXTD4591E6 ZETEX-ZXTD4591E6 Datasheet
161Kb / 7P
   DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZXTD4591E6 DIODES-ZXTD4591E6_16 Datasheet
691Kb / 8P
   COMPLEMENTARY 60V NPN/PNP MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZDT751 ZETEX-ZDT751 Datasheet
84Kb / 3P
   DUAL PNP MEDIUM POWER TRANSISTORS
ZDT758 ZETEX-ZDT758 Datasheet
51Kb / 3P
   DUAL PNP MEDIUM POWER TRANSISTORS
ZDT749 ZETEX-ZDT749 Datasheet
61Kb / 3P
   DUAL PNP MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4898 NJSEMI-2N4898 Datasheet
91Kb / 2P
   MEDIUM-POWER PNP SILICON TRANSISTORS
logo
Zetex Semiconductors
ZDT649 ZETEX-ZDT649 Datasheet
68Kb / 3P
   DUAL NPN MEDIUM POWER TRANSISTORS
ZDT651 ZETEX-ZDT651 Datasheet
50Kb / 3P
   DUAL NPN MEDIUM POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJE205 NJSEMI-MJE205 Datasheet
78Kb / 2P
   MEDIUM-POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com