Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTD6717E6TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTD6717E6TC
Description  COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTD6717E6TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTD6717E6TC Datasheet HTML 1Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 2Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 3Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 4Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 5Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 6Page - Diodes Incorporated ZXTD6717E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTD6717E6
ISSUE 2 - JULY 2001
COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
SUMMARY
NPN: V
CEO=15V; VCE(sat)=0.1V; IC= 1.5A;
PNP: V
CEO=-12V; VCE(sat)=-0.175V; IC= -1.25A;
DESCRIPTION
This new combination device comprises a complementary NPN and PNP low
saturation transistor housed in the SOT23-6 package. Users benefit from very
efficient performance combining a high current operation, exceptionally low
VCE(sat) and high HFE resulting in extremely low on state losses. This dual transistor
is ideal for use in a variety of efficient driving functions including motors, lamps,
relays and solenoids and will also benefit circuits requiring high output current switching.
FEATURES
• Low Saturation Voltage
• R
CE(sat) values
NPN =135m
Ω at 1.5A
-
PNP =150m
Ω at 1.25A
• h
FE min 200 at 1A
• I
C=1.5A Continuous (NPN), 1.25A (PNP)
• SOT23-6 package with P
D = 1.1W
APPLICATIONS
• Various driving functions
Lamps
Motors
Relays and solenoids
• High output current switches
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZXTD6717E6TA
7
8mm embossed
3000 units
ZXTD6717E6TC
13
8mm embossed
10000 units
DEVICE MARKING
6717
Top View
1
SOT23-6
C1
E1
B1
C2
E2
B2


Similar Part No. - ZXTD6717E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD6717E6TC ZETEX-ZXTD6717E6TC Datasheet
112Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
More results

Similar Description - ZXTD6717E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD6717E6 ZETEX-ZXTD6717E6 Datasheet
112Kb / 7P
   COMPLEMENTARY NPN/PNP LOW SATURATION DUAL TRANSISTORS
logo
Diodes Incorporated
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
ZXTC6718MC DIODES-ZXTC6718MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 20V LOW SATURATION TRANSISTORS
ZXTD717MC DIODES-ZXTD717MC Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
ZXTD717MC DIODES-ZXTD717MC_15 Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC_15 Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com