Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN620MATA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTN620MATA
Description  80V NPN LOW SATURATION TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN620MATA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTN620MATA Datasheet HTML 1Page - Diodes Incorporated ZXTN620MATA Datasheet HTML 2Page - Diodes Incorporated ZXTN620MATA Datasheet HTML 3Page - Diodes Incorporated ZXTN620MATA Datasheet HTML 4Page - Diodes Incorporated ZXTN620MATA Datasheet HTML 5Page - Diodes Incorporated ZXTN620MATA Datasheet HTML 6Page - Diodes Incorporated ZXTN620MATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXTN620MA
Document Number DS31894 Rev. 3 - 2
3 of 7
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN620MA
Thermal Characteristics
0.1
1
10
100
0.01
0.1
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100us
100ms
1s
V
CE(SAT)
Limited
1ms
Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
CE
Collector-Emitter Voltage (V)
10 sqcm
Single
1oz Cu
T
amb
=25°C
Derating Curve
Temperature (°C)
10 sqcm
Single
1oz Cu
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
Thermal Resistance v Board Area
1oz copper
2oz copper
Board Cu Area (sqcm)
1oz copper
2oz copper
Power Dissipation v Board Area
T
amb
=25°C
T
j max
=150°C
Continuous
Board Cu Area (sqcm)


Similar Part No. - ZXTN620MATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN620MA DIODES-ZXTN620MA_15 Datasheet
164Kb / 7P
   80V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTN620MATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTEM322 DIODES-ZXTEM322 Datasheet
411Kb / 6P
   80V NPN LOW SATURATION TRANSISTOR
ZXTN620MA DIODES-ZXTN620MA_15 Datasheet
164Kb / 7P
   80V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
   SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620 ZETEX-FMMT620_06 Datasheet
240Kb / 6P
   SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com