Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6421-20 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6421-20
Description  16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6421-20 Datasheet(HTML) 1 Page - Linear Technology

  LTC6421-20 Datasheet HTML 1Page - Linear Technology LTC6421-20 Datasheet HTML 2Page - Linear Technology LTC6421-20 Datasheet HTML 3Page - Linear Technology LTC6421-20 Datasheet HTML 4Page - Linear Technology LTC6421-20 Datasheet HTML 5Page - Linear Technology LTC6421-20 Datasheet HTML 6Page - Linear Technology LTC6421-20 Datasheet HTML 7Page - Linear Technology LTC6421-20 Datasheet HTML 8Page - Linear Technology LTC6421-20 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
//htmlimg2.alldatasheet.net/htmldatasheet2/408249/LINER/LTC6421-20/153/1/LTC6421-20.png


Similar Part No. - LTC6421-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20 Datasheet
264Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
LTC6421-20 LINER-LTC6421-20 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC6421-20 LINER-LTC6421-20 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC6421-20 LINER-LTC6421-20 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC6421-20 LINER-LTC6421-20 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
More results

Similar Description - LTC6421-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2191 LINER-LTC2191_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2190 LINER-LTC2190_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2181 LINER-LTC2181_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2180 LINER-LTC2180_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2161 LINER-LTC2161_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2182 LINER-LTC2182_15 Datasheet
3Mb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2192 LINER-LTC2192_15 Datasheet
886Kb / 28P
   16-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2162 LINER-LTC2162_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2160 LINER-LTC2160_15 Datasheet
660Kb / 36P
   16-Bit, 65Msps/ 40Msps/25Msps Low Power ADCs
LTC2265-14 LINER-LTC2265-14 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com