Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72722M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72722M
Description  Single-Chip RDS Signal-Processing System LSI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72722M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72722M Datasheet HTML 1Page - Sanyo Semicon Device LC72722M Datasheet HTML 2Page - Sanyo Semicon Device LC72722M Datasheet HTML 3Page - Sanyo Semicon Device LC72722M Datasheet HTML 4Page - Sanyo Semicon Device LC72722M Datasheet HTML 5Page - Sanyo Semicon Device LC72722M Datasheet HTML 6Page - Sanyo Semicon Device LC72722M Datasheet HTML 7Page - Sanyo Semicon Device LC72722M Datasheet HTML 8Page - Sanyo Semicon Device LC72722M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Ordering number : ENN6123A
51202AS (OT)/83199TH (OT) No. 6123-1/15
Overview
The LC72722 and LC72722M, LC72722PM are single-
chip system ICs that implement the signal processing
required by the European Broadcasting Union RDS (Radio
Data System) standard and by the US NRSC (National
Radio System Committee) RDBS (Radio Broadcast Data
System) standard. These ICs include band-pass filter,
demodulator, synchronization, and error correction circuits
as well as data buffer RAM on chip and perform effective
error correction using a soft-decision error correction
technique.
Functions
• Band-pass filter: Switched capacitor filter (SCF)
• Demodulator: RDS data clock regeneration and
demodulated data reliability information
• Synchronization: Block synchronization detection (with
variable backward and forward protection conditions)
• Error correction: Soft-decision/hard-decision error
correction
• Buffer RAM: Adequate for 24 blocks of data (about 500
ms) and flag memory
• Data I/O: CCB interface (power on reset)
Features
• Error correction capability improved by soft-decision
error correction
• The load on the control microprocessor can be reduced
by storing decoded data in the on-chip data buffer RAM.
• Two synchronization detection circuits provide
continuous and stable detection of the synchronization
timing.
• Data can be read out starting with the backward-
protection block data after a synchronization reset.
• Bit slip detection and correction
• Low spurious radiation
• Fully adjustment free
• Operating power-supply voltage: 4.5 to 5.5 V
• Operating temperature: –40 to +85°C
• Package: LC72722 : DIP24S
LC72722M : MFP24S
LC72722PM : MFP24
Package Dimensions
unit: mm
3067A-DIP24S
LC72722, 72722M, 72722PM
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Single-Chip RDS
Signal-Processing System LSI
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
0.48
21.0
(0.71)
1.78
1
12
24
13
0.95
0.9
SANYO: DIP24S
[LC72722]


Similar Part No. - LC72722M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-MPB-E ONSEMI-LC72722PM-MPB-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
LC72722PM-TLM-E ONSEMI-LC72722PM-TLM-E Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
More results

Similar Description - LC72722M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com