Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CES2323 Datasheet(PDF) 4 Page - Chino-Excel Technology

Part # CES2323
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CES2323 Datasheet(HTML) 4 Page - Chino-Excel Technology

  CES2323 Datasheet HTML 1Page - Chino-Excel Technology CES2323 Datasheet HTML 2Page - Chino-Excel Technology CES2323 Datasheet HTML 3Page - Chino-Excel Technology CES2323 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CES2323
4
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
-VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (sec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
-4
10
1
10
2
10
0
10
-1
10
-2
10
-3
10
-3
PDM
t1
t2
1. RθJA (t)=r (t) * RθJA
2. RθJA=See Datasheet
3. TJM-TA = P* RθJA (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
0.01
10
-1
10
-2
0.02
0.05
0.1
0.2
D=0.5
10
2
R
DS(ON)Limit
10
1
10
0
10
-1
10
1
10
0
10
-1
10
-2
10
2
1s
100ms
10ms
DC
1ms
Single Pulse
T
A=25 C
T
J=150 C
7
10
8
6
4
2
0
0
3
6
9
12
V
DS=-15V
I
D=-4.1A


Similar Part No. - CES2323

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CES2320 CET-CES2320 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
CES2321 VBSEMI-CES2321 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
CET-MOS Technology Corp...
CES2321 CET-MOS-CES2321 Datasheet
364Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
Rev 4. 2012.Jan
logo
Chino-Excel Technology
CES2321A CET-CES2321A Datasheet
371Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CES2323

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com