Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2152-14 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2152-14
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2152-14 Datasheet(HTML) 1 Page - Linear Technology

  LTC2152-14 Datasheet HTML 1Page - Linear Technology LTC2152-14 Datasheet HTML 2Page - Linear Technology LTC2152-14 Datasheet HTML 3Page - Linear Technology LTC2152-14 Datasheet HTML 4Page - Linear Technology LTC2152-14 Datasheet HTML 5Page - Linear Technology LTC2152-14 Datasheet HTML 6Page - Linear Technology LTC2152-14 Datasheet HTML 7Page - Linear Technology LTC2152-14 Datasheet HTML 8Page - Linear Technology LTC2152-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Electrical Specifications Subject to Change
1
21521014p
LTC2152-14/
LTC2151-14/LTC2150-14
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
14-Bit 250Msps/
210Msps/170Msps ADCs
n
Communications
n
Cellular Basestations
n
Software Defined Radios
n
Medical Imaging
n
High Definition Video
n
Testing and Measurement Instruments
n
70dB SNR
n
90dB SFDR
n
Low Power: 338mW/316mW/290mW Total
n
Single 1.8V Supply
n
DDR LVDS Outputs
n
Easy-to-Drive 1.5VP-P Input Range
n
1.25GHz Full Power Bandwidth S/H
n
Optional Clock Duty Cycle Stabilizer
n
Low Power Sleep and Nap Modes
n
Serial SPI Port for Configuration
n
Pin Compatible with 12-Bit Versions
n
40-Pin (6mm × 6mm) QFN Package
TheLTC®2152-14/LTC2151-14/LTC2150-14are250Msps/
210Msps/170Msps 14-bit A/D converters designed for
digitizinghighfrequency,widedynamicrangesignals.They
are perfect for demanding communications applications
with AC performance that includes 70dB SNR and 90dB
spurious free dynamic range (SFDR). The latency is only
five clock cycles.
DCspecsinclude±0.85LSBINL(typ),±0.25LSBDNL(typ)
and no missing codes over temperature. The transition
noise is 1.82LSBRMS.
The digital outputs are Double-Data Rate (DDR) LVDS.
The ENC+ and ENCinputs can be driven differentially with
asinewave,PECL,LVDS,TTL,orCMOSinputs.Anoptional
clock duty cycle stabilizer allows high performance at full
speed for a wide range of clock duty cycles.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 TA01b
100
120
–20
32K Point FFT,
fIN = 15MHz, –1dBFS, 250Msps
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC
CLOCK/DUTY
CYCLE
CONTROL
D12_13
D0_1
CLOCK
ANALOG
INPUT
21521014 TA01a
DDR
LVDS
VDD
OVDD
OGND


Similar Part No. - LTC2152-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2152-14 LINER-LTC2152-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2152-14 LINER-LTC2152-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
More results

Similar Description - LTC2152-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com