Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2150IUP-14PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2150IUP-14PBF
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2150IUP-14PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2150IUP-14PBF Datasheet HTML 1Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 2Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 3Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 4Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 5Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 6Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 7Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 8Page - Linear Technology LTC2150IUP-14PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
21521014p
LTC2152-14/
LTC2151-14/LTC2150-14
CONVERTER CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
LTC2152-14
LTC2151-14
LTC2150-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (No Missing Codes)
l
14
14
14
Bits
Integral Linearity Error
Differential Analog Input (Note 6) l –3.7 ±0.85
3.7
–3.8
±1
3.8
–3.8
±1
3.8
LSB
Differential Linearity Error
Differential Analog Input
l
–1
±0.5
1
–1
±0.5
1
–1
±0.5
1
LSB
Offset Error
(Note 7)
l
–15
±5
15
–15
±5
15
–15
±3
15
mV
Gain Error
External Reference
l
±1
±1
±1
%FS
Offset Drift
±20
±20
±20
µV/°C
Full-Scale Drift
Internal Reference
External Reference
±30
±10
±30
±10
±30
±10
ppm/°C
ppm/°C
Transition Noise
External Reference
1.85
1.8
1.8
LSBRMS
ANALOG INPUT The
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
1.7V < VDD < 1.9V
l
1.5
VP-P
VIN(CM)
Analog Input Common Mode (AIN+ + AIN–)/2 Differential Analog Input (Note 8) l VCM – 20mV
VCM
VCM + 20mV
V
VSENSE
External Reference Mode
External Reference Mode
l
1.200
1.250
1.300
V
IIN1
Analog Input Leakage Current
0 < AIN+, AIN– < VDD
l
–1
1
µA
IIN2
SENSE Input Leakage Current
1.2V < SENSE < 1.3V
l
–1
1
µA
IIN3
PAR/SER Input Leakage Current
0 < PAR/SER < VDD
l
–1
1
µA
tAP
Sample-and-Hold Acquisition Delay Time
1
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
0.15
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
75
dB
BW-3B
Full-Power Bandwidth
1250
MHz
DYNAMIC ACCURACY The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTC2152-14
LTC2151-14
LTC2150-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
70MHz Input
140MHz Input
l
TBD
70
69.7
69
TBD
70
69.7
69
TBD
70
69.7
69
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
70MHz Input
140MHz Input
l
TBD
90
85
80
TBD
90
85
80
TBD
90
85
80
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
70MHz Input
140MHz Input
l
TBD
95
95
85
TBD
95
95
85
TBD
98
95
85
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus
Distortion Ratio
5MHz Input
70MHz Input
140MHz Input
l
TBD
69.9
69.4
68.8
TBD
69.9
69.4
68.8
TBD
69.9
69.4
68.8
dBFS
dBFS
dBFS


Similar Part No. - LTC2150IUP-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-14 LINER-LTC2150-14 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTC2150-14 LINER-LTC2150-14 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2150-14 LINER-LTC2150-14 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
More results

Similar Description - LTC2150IUP-14PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com