Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2241-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2241-10
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2241-10 Datasheet(HTML) 2 Page - Linear Technology

  LTC2241-10 Datasheet HTML 1Page - Linear Technology LTC2241-10 Datasheet HTML 2Page - Linear Technology LTC2241-10 Datasheet HTML 3Page - Linear Technology LTC2241-10 Datasheet HTML 4Page - Linear Technology LTC2241-10 Datasheet HTML 5Page - Linear Technology LTC2241-10 Datasheet HTML 6Page - Linear Technology LTC2241-10 Datasheet HTML 7Page - Linear Technology LTC2241-10 Datasheet HTML 8Page - Linear Technology LTC2241-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2152-14/
LTC2151-14/LTC2150-14
2
21521014p
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VDD, OVDD................................................ –0.3V to 2V
Analog Input Voltage
AINA/B+, AINA/B–, PAR/SER,
SENSE (Note 3)........................ –0.3V to (VDD + 0.2V)
Digital Input Voltage
ENC+, ENC(Note 3)................ –0.3V to (VDD + 3.9V)
CS, SDI, SCK (Note 4).............. –0.3V to (VDD + 0.3V)
SDO (Note 4)............................................. –0.3V to 3.9V
Digital Output Voltage................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTC2152C, LTC2151C, LTC2150C............. 0°C to 70°C
LTC2152I, LTC2151I, LTC2150I ............–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
PIN CONFIGURATION
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
GND
41
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
VDD
VDD
GND
AIN+
AIN–
GND
SENSE
VREF
VCM
GND
OVDD
D8_9+
D8_9
CLKOUT+
CLKOUT
D6_7+
D6_7
D4_5+
D4_5
OGND
21
30
10
1
TJMAX = 150°C, θJA = 33°C/W
EXPOSED PAD (PIN 41) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2152CUP-14#PBF
LTC2152CUP-14#TRPBF
LTC2152-14
40-Lead (6mm × 6mm) Plastic QFN
0°C to 70°C
LTC2152IUP-14#PBF
LTC2152IUP-14#TRPBF
LTC2152-14
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 85°C
LTC2151CUP-14#PBF
LTC2151CUP-14#TRPBF
LTC2151-14
40-Lead (6mm × 6mm) Plastic QFN
0°C to 70°C
LTC2151IUP-14#PBF
LTC2151IUP-14#TRPBF
LTC2151-14
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 85°C
LTC2150CUP-14#PBF
LTC2150CUP-14#TRPBF
LTC2150-14
40-Lead (6mm × 6mm) Plastic QFN
0°C to 70°C
LTC2150IUP-14#PBF
LTC2150IUP-14#TRPBF
LTC2150-14
40-Lead (6mm × 6mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2241-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2241-10 LINER-LTC2241-10 Datasheet
502Kb / 28P
   10-Bit, 210Msps ADC
LTC2241-10 LINER-LTC2241-10 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LTC2241-10 LINER-LTC2241-10_15 Datasheet
500Kb / 28P
   10-Bit, 210Msps ADC
More results

Similar Description - LTC2241-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com