Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN19060CG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTN19060CG
Description  60V NPN low sat medium power transistor in SOT223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN19060CG Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTN19060CG Datasheet HTML 1Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 2Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 3Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 4Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 5Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 6Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 7Page - Diodes Incorporated ZXTN19060CG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXTN19060CG
Issue 1 - February 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
Thermal characteristics


Similar Part No. - ZXTN19060CG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN19060CG ZETEX-ZXTN19060CG Datasheet
317Kb / 8P
   60V NPN low sat medium power transistor
ZXTN19060CGTA ZETEX-ZXTN19060CGTA Datasheet
317Kb / 8P
   60V NPN low sat medium power transistor
logo
Diodes Incorporated
ZXTN19060CGTA DIODES-ZXTN19060CGTA Datasheet
487Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
ZXTN19060CG DIODES-ZXTN19060CG_15 Datasheet
487Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTN19060CG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19100CG DIODES-ZXTN19100CG Datasheet
338Kb / 8P
   100V NPN low sat medium power transistor in SOT223
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_12 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851 DIODES-FZT851_15 Datasheet
584Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com