Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN19100CGTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTN19100CGTA
Description  100V NPN low sat medium power transistor in SOT223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN19100CGTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTN19100CGTA Datasheet HTML 1Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 2Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 3Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 4Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 5Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 6Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 7Page - Diodes Incorporated ZXTN19100CGTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXTN19100CG
Issue 1 - February 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics


Similar Part No. - ZXTN19100CGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN19100CGTA DIODES-ZXTN19100CGTA Datasheet
503Kb / 7P
   100V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTN19100CGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
   100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN19060CG DIODES-ZXTN19060CG Datasheet
324Kb / 8P
   60V NPN low sat medium power transistor in SOT223
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT853 DIODES-FZT853_15 Datasheet
485Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT493 DIODES-FZT493_15 Datasheet
655Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
ZXTN2011G DIODES-ZXTN2011G_15 Datasheet
142Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2011G ZETEX-ZXTN2011G Datasheet
122Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2011G ZETEX-ZXTN2011G_06 Datasheet
135Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com