Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN25012EFHTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTN25012EFHTA
Description  12V, SOT23, NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN25012EFHTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTN25012EFHTA Datasheet HTML 1Page - Diodes Incorporated ZXTN25012EFHTA Datasheet HTML 2Page - Diodes Incorporated ZXTN25012EFHTA Datasheet HTML 3Page - Diodes Incorporated ZXTN25012EFHTA Datasheet HTML 4Page - Diodes Incorporated ZXTN25012EFHTA Datasheet HTML 5Page - Diodes Incorporated ZXTN25012EFHTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTN25012EFH
Issue 3 - March 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics


Similar Part No. - ZXTN25012EFHTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
More results

Similar Description - ZXTN25012EFHTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25012EFH ZETEX-ZXTP25012EFH Datasheet
445Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTN25012EFL DIODES-ZXTN25012EFL Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
logo
Zetex Semiconductors
ZXTN25012EFL ZETEX-ZXTN25012EFL Datasheet
476Kb / 8P
   12V, SOT23, NPN low power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
   20V, SOT23, NPN medium power transistor
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
   20V SOT23 NPN medium power transistor
ZXTN23015CFH DIODES-ZXTN23015CFH Datasheet
175Kb / 6P
   15V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25020DFH ZETEX-ZXTN25020DFH Datasheet
257Kb / 6P
   20V SOT23 NPN medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com