Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP2013Z Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP2013Z
Description  100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2013Z Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP2013Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTP2013Z
ISSUE 1 - JUNE 2005
3
CHARACTERISTICS


Similar Part No. - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013ZTA ZETEX-ZXTP2013ZTA Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
   100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2011Z DIODES-ZXTN2011Z_15 Datasheet
256Kb / 7P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2011Z ZETEX-ZXTN2011Z Datasheet
114Kb / 6P
   100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014Z DIODES-ZXTP2014Z_15 Datasheet
116Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com