Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3J134TU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM3J134TU
Description  TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J134TU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM3J134TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3J134TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3J134TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3J134TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3J134TU Datasheet HTML 5Page - Toshiba Semiconductor SSM3J134TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSM3J134TU
2010-11-18
4
Drain current ID (A)
|Yfs| – ID
0.1
-10
1
10
-0.1
-1
3
0.3
-0.01
Common Source
VDS = -3 V
Ta = 25°C
Pulse Test
Drain current ID (A)
t – ID
1
-0.001
1000
-0.1
10000
-1
-10
100
tf
Common Source
VDD = -10 V
VGS = 0 to -2.5 V
Ta = 25 °C
RG = 4.7Ω
10
-0.01
toff
tr
ton
Total gate charge Qg (nC)
Dynamic Input Characteristic
0
0
4
8
-4
-8
10
-6
-2
2
6
VDD = - 16 V
VDD = - 10 V
Common Source
ID = -2.0 A
Ta = 25°C
Drain–source voltage VDS (V)
IDR – VDS
10
0
0.1
1
0.001
0.01
0.5
1.0
1.5
Common Source
VGS = 0 V
Pulse Test
G
D
S
IDR
-25 °C
Ta =100 °C
25 °C
Drain-source voltage VDS (V)
C – VDS
10
-0.1
-1
-10
-100
100
1000
300
30
Common Source
Ta = 25 °C
f = 1 MHz
VGS = 0 V
Ciss
Coss
Crss


Similar Part No. - SSM3J134TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J134TU TOSHIBA-SSM3J134TU_14 Datasheet
226Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results

Similar Description - SSM3J134TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com