Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP03200BZTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP03200BZTA
Description  200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP03200BZTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP03200BZTA Datasheet HTML 1Page - Diodes Incorporated ZXTP03200BZTA Datasheet HTML 2Page - Diodes Incorporated ZXTP03200BZTA Datasheet HTML 3Page - Diodes Incorporated ZXTP03200BZTA Datasheet HTML 4Page - Diodes Incorporated ZXTP03200BZTA Datasheet HTML 5Page - Diodes Incorporated ZXTP03200BZTA Datasheet HTML 6Page - Diodes Incorporated ZXTP03200BZTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTP03200BZ
Document Number DS31902 Rev. 2 - 2
4 of 7
www.diodes.com
August 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP03200BZ
20 0V P N P LO W V CE(sat) TRAN SIST OR IN SOT -89
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-220
-245
V
IC = -100µA
Collector-Emitter Breakdown Voltage
V(BR)CER
-220
-245
V
IC = -1µA, RBE ≤ 1kΩ
Collector-Emitter Breakdown Voltage (Note f)
V(BR)CEO
-220
-225
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-7
-8.4
V
IE = -100µA
Collector-Base Cutoff Current
ICBO
<1
-50
-0.5
nA
µA
VCB = -200V
VCB = -200V, Tamb = 100°C
Emitter Cutoff Current
IEBO
<1
-10
nA
VEB = -6V
Static Forward Current Transfer Ratio (Note f)
hFE
100
100
20
195
179
50
5
300
IC = -10mA, VCE = -5V
IC = -1A, VCE = -5V
IC = -2A, VCE = -5V
IC = -5A, VCE = -5V
Collector-Emitter Saturation Voltage (Note f)
VCE(SAT)
-37
-120
-130
-160
-50
-155
-160
-260
mV
mV
mV
mV
IC = -100mA, IB = -10mA
IC = -500mA, IB = -25mA
IC = -1A, IB = -100mA
IC = -2A, IB = -400mA
Base-Emitter Saturation Voltage (Note f)
VBE(sat)
-940
-1100
mV
IC = -2A, IB = -400mV
Base-Emitter Turn-On Voltage (Note f)
VBE(ON)
-840
-1000
mV
IC = -2A, VCE = -5V
Output Capacitance (Note f)
Cobo
31
pF
VCB = -10V. f = 1MHz
Transition Frequency
fT
105
MHz
VCE = -10V, IC = -100mA
f = 50MHz
Delay Time
td
21
ns
VCC = -50V, IC = -1A
IB1 = -IB2 = -100mA
Rise Time
tr
18
ns
Storage Time
Ts
680
ns
Fall Time
Tf
75
ns
Notes:
f. Measured under pulsed conditions. Pulse width = 300 µs. Duty cycle
≤ 2%


Similar Part No. - ZXTP03200BZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP03200BZTA ZETEX-ZXTP03200BZTA Datasheet
175Kb / 8P
   200V PNP Low VCE(sat) transistor
More results

Similar Description - ZXTP03200BZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP03200BZ DIODES-ZXTP03200BZ_15 Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
logo
Zetex Semiconductors
ZXTP03200BG ZETEX-ZXTP03200BG Datasheet
185Kb / 8P
   200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG Datasheet
192Kb / 8P
   200V PNP Low VCE(sat) transistor in SOT223
logo
Zetex Semiconductors
ZXTP03200BZ ZETEX-ZXTP03200BZ Datasheet
175Kb / 8P
   200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG_15 Datasheet
192Kb / 8P
   200V PNP Low VCE(sat) transistor in SOT223
ZXTN649F DIODES-ZXTN649F Datasheet
122Kb / 7P
   NPN LOW VCE(sat) TRANSISTOR IN SOT-23
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com