Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6226IRHBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS6226IRHBR
Description  Gated-Class H, Dual-Port VDSL2 Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6226IRHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6226IRHBR Datasheet HTML 2Page - Texas Instruments THS6226IRHBR Datasheet HTML 3Page - Texas Instruments THS6226IRHBR Datasheet HTML 4Page - Texas Instruments THS6226IRHBR Datasheet HTML 5Page - Texas Instruments THS6226IRHBR Datasheet HTML 6Page - Texas Instruments THS6226IRHBR Datasheet HTML 7Page - Texas Instruments THS6226IRHBR Datasheet HTML 8Page - Texas Instruments THS6226IRHBR Datasheet HTML 9Page - Texas Instruments THS6226IRHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CLK
DATA
2
4
6
8
1
3
5
7
9
10
11
12
t
SETUP
t
HOLD
t
CL
THS6226
SBOS499B
– JANUARY 2011 – REVISED FEBRUARY 2011
www.ti.com
PIN DESCRIPTIONS
NAME
PIN
DESCRIPTION
GND
1
Analog ground
IND
2
Input D of amplifier CD
INC
3
Input C of amplifier CD
DATA
4
Serial interface data pin
CLK
5
Serial interface CLK pin
INB
6
Input B of amplifier AB
INA
7
Input A of amplifier AB
GND
8
Analog ground
VH_ENAB
9
Class H mode control pin for amplifier AB
VLL_AB
10
Amplifier AB low pump supply
CAPL_AB
11
Amplifier AB negative voltage pump capacitor pin
GND
12
Analog ground
VSAB
13
Amplifier AB supply voltage
VSAB
14
Amplifier AB supply voltage
CAPH_AB
15
Amplifier AB positive voltage pump capacitor pin
VHH_AB
16
Amplifier AB high pump supply
OUTA
17
Output A of amplifier AB
FB_A
18
Feedback for active output impedance of amplifier AB
FB_B
19
Feedback for active output impedance of amplifier AB
OUTB
20
Output B of amplifier AB
OUTC
21
Output C of amplifier CD
FB_C
22
Feedback for active output impedance of amplifier CD
FB_D
23
Feedback for active output impedance of amplifier CD
OUTD
24
Output D of amplifier CD
VHH_CD
25
Amplifier CD high pump supply
CAPH_CD
26
Amplifier CD positive voltage pump capacitor pin
VSCD
27
Amplifier CD supply voltage
VSCD
28
Amplifier CD supply voltage
GND
29
Analog ground
CAPL_CD
30
Amplifier CD negative voltage pump capacitor pin
VLL_CD
31
Amplifier CD low pump supply
VH_ENCD
32
Class H mode control pin for amplifier CD
TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing
THS6226
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
tSETUP
Setup time
3
ns
tHOLD
Hold time
0.5
× tCL + 6ns
ns
tCL
Clock period
200
ns
6
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated
Product Folder Link(s): THS6226


Similar Part No. - THS6226IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226 TI-THS6226 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBR TI1-THS6226AIRHBR Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBT TI1-THS6226AIRHBT Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
More results

Similar Description - THS6226IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com