Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61181ARTE Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61181ARTE
Description  WLED DRIVER FOR NOTEBOOK DISPLAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61181ARTE Datasheet(HTML) 5 Page - Texas Instruments

  TPS61181ARTE Datasheet HTML 1Page - Texas Instruments TPS61181ARTE Datasheet HTML 2Page - Texas Instruments TPS61181ARTE Datasheet HTML 3Page - Texas Instruments TPS61181ARTE Datasheet HTML 4Page - Texas Instruments TPS61181ARTE Datasheet HTML 5Page - Texas Instruments TPS61181ARTE Datasheet HTML 6Page - Texas Instruments TPS61181ARTE Datasheet HTML 7Page - Texas Instruments TPS61181ARTE Datasheet HTML 8Page - Texas Instruments TPS61181ARTE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PGND
1
16
SW
2
VBAT
3
Vout
4
5
6
7
8
9
10
11
12
15
14
13
IFB 3
GND
DCTRL
IFB 4
TPS61181A
TPS61181A
www.ti.com
SLVSAN6A
– FEBRUARY 2011 – REVISED MARCH 2011
PINOUT
PIN ASSIGNMENTS
PIN
I/O
DESCRIPTION
NO.
NAME
1
PGND
I
Power ground of the IC. Internally, it connects to the source of the PWM switch.
2
SW
I
This pin connects to the drain of the internal PWM switch, external Schottky diode and inductor.
3
VBAT
I
This pin is connected to the battery supply. It provides the pull-up voltage for the Fault pin and battery
voltage signal. This is also the input to the internal LDO.
4
VO
O
This pin monitors the output of the boost regulator. Connect this pin to the anode of the WLED strings.
5
ISET
I
The resistor on this pin programs the WLED output current.
6
Cin
I
Supply voltage of the IC. It is the output of the internal LDO. Connect 0.1
μF bypass capacitor to this pin.
7, 8, 9
IFB1-IFB3
I
Current sink regulation inputs. They are connected to the cathode of WLEDs. The PWM loop regulates
12, 13, 14
IFB4-IFB6
the lowest VIFB to 400 mV. Each channel is limited to 30 mA current.
10
GND
I
Signal ground of the IC.
11
DCTRL
I
Dimming control logic input. The dimming frequency range is 100 Hz to 1 kHz.
15
EN
I
The enable pin to the IC. A logic high signal turns on the internal LDO and enables the IC. Therefore, do
not connect the EN pin to the Cin pin.
16
Fault
I
Gate driver output for an external PFET used for fault protection. It can also be used as signal output for
system fault report.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61181A


Similar Part No. - TPS61181ARTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61181 TI-TPS61181 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181 TI1-TPS61181 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181RTE TI-TPS61181RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181RTE TI1-TPS61181RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61181RTER TI-TPS61181RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61181ARTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI1-TPS61180_17 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
   Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
   For Notebook PC Fan Motor Driver
LV8800V SANYO-LV8800V_12 Datasheet
107Kb / 8P
   For Notebook PC Fan Motor Driver
logo
ON Semiconductor
NCP5359 ONSEMI-NCP5359 Datasheet
152Kb / 9P
   Gate Driver for Notebook Power Systems
February, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com