Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS02324 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TXS02324
Description  Dual-Supply 2:1 SIM Card Multiplexer/Translator With Slot Dedicated Dual LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS02324 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS02324 Datasheet HTML 5Page - Texas Instruments TXS02324 Datasheet HTML 6Page - Texas Instruments TXS02324 Datasheet HTML 7Page - Texas Instruments TXS02324 Datasheet HTML 8Page - Texas Instruments TXS02324 Datasheet HTML 9Page - Texas Instruments TXS02324 Datasheet HTML 10Page - Texas Instruments TXS02324 Datasheet HTML 11Page - Texas Instruments TXS02324 Datasheet HTML 12Page - Texas Instruments TXS02324 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TXS02324
www.ti.com
SCES823
– FEBRUARY 2011
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
Level Translator
(1)
MIN
MAX
UNIT
VDDIO
Supply voltage range
–0.3
4.0
V
V_I/O-port
–0.5
4.6
VI
Input voltage range
VSIMx-port
–0.5
4.6
V
Control inputs
–0.5
4.6
V_I/O-port
–0.5
4.6
Voltage range applied to any output in the high-impedance or
VO
V
power-off state
VSIMx-port
–0.5
4.6
V_I/O-port
–0.5
4.6
VO
Voltage range applied to any output in the high or low state
V
VSIMx-port
–0.5
4.6
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
LDO
(1)
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
6
V
VOUT
Output voltage range
–0.3
6
V
TJ
Junction temperature range
–55
150
°C
Tstg
Storage temperature range
–55
150
°C
Human-Body Model (HBM)
2
kV
ESD rating
Charged-Device Model (CDM)
1000
V
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS02324


Similar Part No. - TXS02324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02326 TI-TXS02326 Datasheet
705Kb / 35P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
TXS02326A TI1-TXS02326A Datasheet
846Kb / 34P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR
TXS02326AMRGER TI1-TXS02326AMRGER Datasheet
846Kb / 34P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR
TXS02326MRGER TI-TXS02326MRGER Datasheet
705Kb / 35P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
TXS02326RGER TI-TXS02326RGER Datasheet
705Kb / 35P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
More results

Similar Description - TXS02324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02326 TI-TXS02326 Datasheet
705Kb / 35P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
TXS02326A TI1-TXS02326A Datasheet
846Kb / 34P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
[Old version datasheet]   Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
logo
Fairchild Semiconductor
FXLA2203 FAIRCHILD-FXLA2203 Datasheet
737Kb / 16P
   Dual-Mode, Dual-SIM-Card Level Translator
logo
ON Semiconductor
FXLA2203 ONSEMI-FXLA2203 Datasheet
1Mb / 18P
   Dual-Mode, Dual-SIM-Card Level Translator
August 2012 Rev. 1.0.5
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
   SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
   SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
NLSV22T244 ONSEMI-NLSV22T244_12 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com