Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19060CG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP19060CG
Description  60V PNP medium transistor in SOT223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19060CG Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP19060CG Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 7Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP19060CG
Issue 1- February 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-Base breakdown
voltage
BVCBO
-60
-110
V
IC = -100µA
Collector-Emitter
breakdown voltage
BVCEO
-260
-90
V
IC= -10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
≤ 300µs; duty cycle ≤ 2%.
Emitter-Collector
breakdown voltage
(reverse blocking)
BVECX
-7
-8.4
V
IE = -100µA, RBC < 1kΩ or
0.25V > VBC > -0.25V
Emitter-Collector
breakdown voltage
(reverse blocking)
BVECO
-7
-8.8
V
IE = -100µA
Emitter-Base breakdown
voltage
BVEBO
-7
-8.4
V
IE = -100µA
Collector-Base cut-off
current
ICBO
<1
-50
-0.5
nA
µA
VCB = -60V
VCB = -60V, Tamb=100°C
Emitter cut-off current
IEBO
<1
-50
nA
VEB = -5.6V
Collector-Emitter
saturation voltage
VCE(sat)
-62
-145
-500
-105
-145
-300
-80
-205
-750
-165
-200
-500
mV
mV
mV
mV
mV
mV
IC = -1A, IB = -100mA(*)
IC = -1A, IB = -20mA(*)
IC = -2A, IB = -40mA(*)
IC = -2A, IB = -200mA(*)
IC = -3A, IB = -300mA(*)
IC = -5A, IB = -500mA(*)
Base-Emitter saturation
voltage
VBE(sat)
-975
-1050
mV
IC = -5A, IB = -500mA(*)
Base-Emitter turn-on
voltage
VBE(on)
-890
-1000
mV
IC = -5A, VCE = -2V(*)
Static forward current
transfer ratio
hFE
200
160
20
330
260
40
500
IC = -100mA, VCE = -2V(*)
IC = -1A, VCE = -2V(*)
IC = -5A, VCE = -2V(*)
Transition frequency
fT
180
MHz
IC = -50mA, VCE = -10V
f = 50MHz
Input capacitance
Cibo
280
400
pF
VEB = -0.5V, f = 1MHz(*)
Output capacitance
Cobo
29.5
40
pF
VCB = -10V, f = 1MHz(*)
Delay time
td
24.3
ns
IC = -500mA, VCC = -10V,
IB1 = -IB2 = -50mA
Rise time
tr
13.2
ns
Storage time
ts
456
ns
Fall time
tf
68.2
ns


Similar Part No. - ZXTP19060CG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19060CG ZETEX-ZXTP19060CG Datasheet
212Kb / 8P
   60V PNP medium transistor
ZXTP19060CGTA ZETEX-ZXTP19060CGTA Datasheet
212Kb / 8P
   60V PNP medium transistor
logo
Diodes Incorporated
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - ZXTP19060CG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT951 DIODES-FZT951_15 Datasheet
665Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com