Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19060CGTA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTP19060CGTA
Description  60V PNP medium transistor in SOT223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19060CGTA Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTP19060CGTA Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 7Page - Diodes Incorporated ZXTP19060CGTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXTP19060CG
Issue 1- February 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
Package outline - SOT223
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
-
1.80
-
0.071
D
6.30
6.70
0.248
0.264
A1
0.02
0.10
0.0008
0.004
e
2.30 BSC
0.0905 BSC
A2
1.55
1.65
0.0610
0.0649
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-


Similar Part No. - ZXTP19060CGTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19060CGTA ZETEX-ZXTP19060CGTA Datasheet
212Kb / 8P
   60V PNP medium transistor
More results

Similar Description - ZXTP19060CGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT951 DIODES-FZT951_15 Datasheet
665Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com