Electronic Components Datasheet Search |
|
ZXTP23140BFHTA Datasheet(PDF) 4 Page - Diodes Incorporated |
|
ZXTP23140BFHTA Datasheet(HTML) 4 Page - Diodes Incorporated |
4 / 6 page ZXTP23140BFH Issue 1 - February 2006 4 www.zetex.com © Zetex Semiconductors plc 2006 ELECTRICAL CHARACTERISTICS (at TAMB = 25°C unless otherwise stated) Parameter Symbol Min. Typ. Max. Unit Conditions Collector-base breakdown voltage V(BR)CBO -160 -180 V IC=-100 A Collector-emitter breakdown voltage V(BR)CEX -160 -180 V IC =-100 A, RBE 1k OR -0.25V < VBE < 1V Collector-emitter breakdown voltage V(BR)CEO -140 -160 V IC=-10mA (*) NOTES: (*) Measured under pulsed conditions. Pulse width=300 S. Duty cycle 2%. Emitter-base breakdown voltage V(BR)EBO -7.0 -8.2 V IE=-100 A Collector-emitter cut-off current ICEX --100 nA V CE =-130V; RBE 1k OR -0.25V < VBE < 1V Collector-base cut-off current ICBO <1 -20 nA VCB=-130V Emitter-base cut-off current IEBO <1 -10 nA VEB=-6V Static forward current transfer ratio HFE 100 200 IC= -10mA, VCE=-5V (*) 100 180 300 IC=-1A, VCE=-5V (*) 40 100 Ic=-2.5A, VCE=-5V Collector-emitter saturation voltage VCE(sat) -45 -55 mV IC=-100mA, IB=-5mA (*) -80 -95 mV IC=-1A, IB=-100mA (*) -190 -280 mV IC=-2.5A, IB=-250mA (*) Base-emitter saturation voltage VBE(sat) -0.89 -1.00 V IC=-2.5A, IB=-250mA (*) Base-emitter turn-on voltage VBE(on) -0.78 -0.90 V IC=-2.5A, VCE=-5V (*) Transition frequency fT 130 MHz Ic=-100mA, VCE=-10V, f=50MHz Output capacitance Cobo 30.9 pF VCB=-10V, f=1MHz Turn–on time t (on) 132.4 ns VCC=-10V, IC=-2A, IB1=IB2=-200mA Turn-off time t (off) 345.5 ns |
Similar Part No. - ZXTP23140BFHTA |
|
Similar Description - ZXTP23140BFHTA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |