Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP25012EFHTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP25012EFHTA
Description  12V, SOT23, PNP medium power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25012EFHTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP25012EFHTA Datasheet HTML 1Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 2Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 3Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 4Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 5Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 6Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 7Page - Diodes Incorporated ZXTP25012EFHTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXTP25012EFH
Issue 2 - October 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Characteristics


Similar Part No. - ZXTP25012EFHTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25012EFHTA ZETEX-ZXTP25012EFHTA Datasheet
445Kb / 8P
   12V, SOT23, PNP medium power transistor
More results

Similar Description - ZXTP25012EFHTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25012EFH ZETEX-ZXTP25012EFH Datasheet
445Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
FMMTL717 DIODES-FMMTL717_15 Datasheet
401Kb / 7P
   12V PNP HIGH GAIN MEDIUM POWER TRANSISTOR IN SOT23
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25012EFH DIODES-ZXTN25012EFH Datasheet
387Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
   Medium power PNP transistor in SOT23
ZXTP2025F DIODES-ZXTP2025F Datasheet
512Kb / 6P
   50V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
   60V, SOT23, PNP medium power transistor
ZXTP2025F ZETEX-ZXTP2025F Datasheet
505Kb / 6P
   50V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com