Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP25012EZTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP25012EZTA
Description  20V PNP high gain transistor in SOT89
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP25012EZTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP25012EZTA Datasheet HTML 1Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 2Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 3Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 4Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 5Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 6Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 7Page - Diodes Incorporated ZXTP25012EZTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1- December 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP25012EZ
20V PNP high gain transistor in SOT89
Summary
BVCEO > -12V
hFE > 500
IC(cont) = 4.5A
VCE(sat) < -70mV @ 1A
RCE(sat) = 45m
PD = 2.4W
Complementary part number ZXTN25012EZ
Description
Packaged in the SOT89 outline this new low saturation 12V PNP
transistor offers extremely low on state losses making it ideal for use
in DC-DC circuits and various driving and power management
functions.
Features
4.5A continuous current
Up to 10A peak current
Very low saturation voltages
•High gain
Applications
High side switch
Battery charging
Regulator circuits
Buck converters
MOSFET gate drivers
Ordering information
Device marking
•1L4
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTP25012EZTA
7
12
1000
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - ZXTP25012EZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP25012EZTA ZETEX-ZXTP25012EZTA Datasheet
387Kb / 8P
   20V PNP high gain transistor
More results

Similar Description - ZXTP25012EZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP19020DZ DIODES-ZXTP19020DZ Datasheet
430Kb / 8P
   20V PNP high gain transistor in SOT89
ZXTP19020DZ DIODES-ZXTP19020DZ_15 Datasheet
267Kb / 7P
   20V PNP HIGH GAIN TRANSISTOR IN SOT89
ZXTP25020DZ DIODES-ZXTP25020DZ Datasheet
397Kb / 8P
   20V PNP high gain transistor in SOT89
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
   20V NPN high gain transistor in SOT89
ZXTN19020DZQ DIODES-ZXTN19020DZQ Datasheet
524Kb / 8P
   20V NPN HIGH GAIN TRANSISTOR IN SOT89
June 2018 Rev. 1 - 2
ZXTN19020DZ DIODES-ZXTN19020DZ Datasheet
423Kb / 8P
   20V NPN high gain transistor in SOT89
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
BCX6925 DIODES-BCX6925 Datasheet
627Kb / 4P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
January 2022 Rev. 3 - 2
ZXTP19020DG DIODES-ZXTP19020DG_15 Datasheet
845Kb / 7P
   20V PNP HIGH GAIN TRANSISTOR IN SOT223
ZXTP25020DG DIODES-ZXTP25020DG Datasheet
341Kb / 8P
   20V PNP high gain transistor in SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com