Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ58CA Datasheet(PDF) 2 Page - Weitron Technology

Part # 1.5SMCJ58CA
Description  1500W Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1.5SMCJ58CA Datasheet(HTML) 2 Page - Weitron Technology

  1.5SMCJ58CA Datasheet HTML 1Page - Weitron Technology 1.5SMCJ58CA Datasheet HTML 2Page - Weitron Technology 1.5SMCJ58CA Datasheet HTML 3Page - Weitron Technology 1.5SMCJ58CA Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5SMCJ Series
2/4
Rev.A 19-Dec-06
http://www.weitron.com.tw
WEITRON
UNI- POLAR BI-POLAR
UNI
BI
SMCJ5.0A SMCJ5.0CA GDE BDE
5.0
6.40
7.00
10
9.2
163.0
800
SMCJ6.0A SMCJ6.0CA GDG BDG
6.0
6.67
7.37
10
10.3
145.7
800
SMCJ6.5A SMCJ6.5CA GDK BDK
6.5
7.22
7.98
10
11.2
134.0
500
SMCJ7.0A SMCJ7.0CA GDM BDM
7.0
7.78
8.60
10
12.0
125.0
200
SMCJ7.5A SMCJ7.5CA GDP BDP
7.5
8.33
9.21
1
12.9
116.3
100
SMCJ8.0A SMCJ8.0CA GDR BDR
8.0
8.89
9.83
1
13.6
110.3
50
SMCJ8.5A SMCJ8.5CA GDT BDT
8.5
9.44
10.40
1
14.4
104.2
20
SMCJ9.0A SMCJ9.0CA GDV BDV
9.0
10.00
11.10
1
15.4
97.4
10
SMCJ10A
SMCJ10CA GDX BDX
10.0
11.10
12.30
1
17.0
88.3
5
SMCJ11A
SMCJ11CA GDZ BDZ
11.0
12.20
13.50
1
18.2
82.5
5
SMCJ12A
SMCJ12CA GEE BEE
12.0
13.30
14.70
1
19.9
75.4
5
SMCJ13A
SMCJ13CA GEG BEG
13.0
14.40
15.90
1
21.5
69.8
5
SMCJ14A
SMCJ14CA GEK GEK
14.0
15.60
17.20
1
23.2
64.7
5
SMCJ15A
SMCJ15CA GEM GEM
15.0
16.70
18.50
1
24.4
61.5
5
SMCJ16A
SMCJ16CA GEP BEP
16.0
17.80
19.70
1
26.0
57.7
5
SMCJ17A
SMCJ17CA GER BER
17.0
18.90
20.90
1
27.6
54.4
5
SMCJ18A
SMCJ18CA GET BET
18.0
20.00
22.10
1
29.2
51.4
5
SMCJ20A
SMCJ20CA GEV BEV
20.0
22.20
24.50
1
32.4
46.3
5
SMCJ22A
SMCJ22CA GEX BEX
22.0
24.40
26.90
1
35.5
42.3
5
SMCJ24A
SMCJ24CA GEZ BEZ
24.0
26.70
29.50
1
38.9
38.6
5
SMCJ26A
SMCJ26CA GFE BFE
26.0
28.90
31.90
1
42.1
35.7
5
SMCJ28A
SMCJ28CA GFG BFG
28.0
31.10
34.40
1
45.4
33.1
5
SMCJ30A
SMCJ30CA GFK BFK
30.0
33.30
36.80
1
48.4
31.0
5
SMCJ33A
SMCJ33CA GFM BFM
33.0
36.70
40.60
1
53.3
28.2
5
SMCJ36A
SMCJ36CA GFP BFP
36.0
40.00
44.20
1
58.1
25.9
5
SMCJ40A
SMCJ40CA GFR BFR
40.0
44.40
49.10
1
64.5
23.3
5
SMCJ43A
SMCJ43CA GFT BFT
43.0
47.80
52.80
1
69.4
21.7
5
SMCJ45A
SMCJ45CA GFV BFV
45.0
50.00
55.30
1
72.7
20.6
5
SMCJ48A
SMCJ48CA GFX BFX
48.0
53.30
58.90
1
77.4
19.4
5
SMCJ51A
SMCJ51CA GFZ BFZ
51.0
56.70
62.70
1
82.4
18.2
5
SMCJ54A
SMCJ54CA GGE BGE
54.0
60.00
66.30
1
87.1
17.3
5
SMCJ58A
SMCJ58CA GGG BGG
58.0
64.40
71.20
1
93.6
16.1
5
SMCJ60A
SMCJ60CA GGK BGK
60.0
66.70
73.70
1
96.8
15.5
5
SMCJ64A
SMCJ64CA GGM BGM
64.0
71.10
78.60
1
103.0
14.6
5
SMCJ70A
SMCJ70CA GGP BGP
70.0
77.80
86.00
1
113.0
13.3
5
SMCJ75A
SMCJ75CA GGR BGR
75.0
83.30
92.10
1
121.0
12.4
5
SMCJ78A
SMCJ78CA GGT BGT
78.0
86.70
95.80
1
126.0
11.9
5
SMCJ85A
SMCJ85CA GGV BGV
85.0
94.40
104.00
1
137.0
11.0
5
SMCJ90A
SMCJ90CA GGX BGX
90.0
100.00
111.00
1
146.0
10.3
5
SMCJ100A SMCJ100CA GGZ BGZ
100.0
111.00
123.00
1
162.0
9.3
5
SMCJ110A SMCJ110CA GHE BHE
110.0
122.00
135.00
1
177.0
8.5
5
SMCJ120A SMCJ120CA GHG BHG
120.0
133.00
147.00
1
193.0
7.8
5
SMCJ130A SMCJ130CA GHK BHK
130.0
144.00
159.00
1
209.0
7.2
5
SMCJ150A SMCJ150CA GHM BHM
150.0
167.00
185.00
1
243.0
6.2
5
SMCJ160A SMCJ160CA GHP BHP
160.0
178.00
197.00
1
259.0
5.8
5
SMCJ170A SMCJ170CA GHR BHR
170.0
189.00
209.00
1
275.0
5.5
5
SMCJ180A SMCJ180CA GHT BHT
180.0
201.00
222.00
1
292.0
5.1
5
SMCJ200A SMCJ200CA GHV BHV
200.0
224.00
247.00
1
324.0
4.6
5
SMCJ220A SMCJ220CA GHX BHX
220.0
246.00
272.00
1
356.0
4.2
5
SMCJ250A SMCJ250CA GHZ BHZ
250.0
279.00
309.00
1
405.0
3.7
5
SMCJ300A SMCJ300CA GJE BJE
300.0
335.00
371.00
1
486.0
3.1
5
SMCJ350A SMCJ350CA GJG BJG
350.0
391.00
432.00
1
567.0
2.6
5
SMCJ400A SMCJ400CA GJK BJK
400.0
447.00
494.00
1
648.0
2.3
5
SMCJ440A SMCJ440CA GJM BJM
440.0
492.00
543.00
1
713.0
2.1
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
REVERS
E
LEAKAGE
@VRWM
IR(µA)
BREAKDOW
N VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUN
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURREN
T Ipp (A)
1.5SMCJ
PART NUMBER
DEVICE
MARKING
CODE
REVERS
E STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOW
N VOLTAGE
VBR(V)
MIN.@IT


Similar Part No. - 1.5SMCJ58CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ58CA PANJIT-1.5SMCJ58CA Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ58CA WTE-1.5SMCJ58CA Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
1.5SMCJ58CA WTE-1.5SMCJ58CA Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ58CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com